công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH00962A bảng dữ liệu(PDF) 26 Page - Freescale Semiconductor, Inc

tên linh kiện 98ASH00962A
Giải thích chi tiết về linh kiện  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A bảng dữ liệu(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 22Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 23Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 24Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 25Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 26Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 27Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 28Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 29Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Table 15. SPI slave mode timing
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
1
fop
Frequency of operation
0
fBus/4
Hz
fBus is the bus clock as
defined in .
2
tSPSCK
SPSCK period
4 x tBus
—
ns
tBus = 1/fBus
3
tLead
Enable lead time
1
—
tBus
—
4
tLag
Enable lag time
1
—
tBus
—
5
tWSPSCK
Clock (SPSCK) high or low time
tBus - 30
—
ns
—
6
tSU
Data setup time (inputs)
15
—
ns
—
7
tHI
Data hold time (inputs)
25
—
ns
—
8
ta
Slave access time
—
tBus
ns
Time to data active from
high-impedance state
9
tdis
Slave MISO disable time
—
tBus
ns
Hold time to high-
impedance state
10
tv
Data valid (after SPSCK edge)
—
25
ns
—
11
tHO
Data hold time (outputs)
0
—
ns
—
12
tRI
Rise time input
—
tBus - 25
ns
—
tFI
Fall time input
13
tRO
Rise time output
—
25
ns
—
tFO
Fall time output
(INPUT)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
SS
(INPUT)
2
10
6
7
MSB IN
BIT 6 . . . 1
LSB IN
SLAVE MSB
SLAVE LSB OUT
BIT 6 . . . 1
11
5
5
3
8
(CPOL 0)
(CPOL 1)
4
13
NOTE: Not defined!
12
12
11
SEE
13
NOTE
9
see
note
SPSCK
SPSCK
=
=
Figure 15. SPI slave mode timing (CPHA = 0)
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
26
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com