công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH00962A bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc

tên linh kiện 98ASH00962A
Giải thích chi tiết về linh kiện  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 21Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 22Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 23Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 24Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 25Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 26Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 27Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 28Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Table 14. SPI master mode timing (continued)
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
10
tRI
Rise time input
—
tBus - 25
ns
—
tFI
Fall time input
11
tRO
Rise time output
—
25
ns
—
tFO
Fall time output
(OUTPUT)
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
SS1
(OUTPUT)
2
8
6
7
MSB IN2
BIT 6 . . . 1
LSB IN
MSB OUT2
LSB OUT
BIT 6 . . . 1
9
5
5
3
(CPOL 0)
(CPOL 1)
4
11
11
10
10
SPSCK
SPSCK
=
=
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
1. If configured as an output.
Figure 13. SPI master mode timing (CPHA=0)
<<CLASSIFICATION>>
<<NDA MESSAGE>>
38
(OUTPUT)
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
2
6
7
MSB IN2
BIT 6 . . . 1
LSB IN
MASTER MSB OUT
MASTER LSB OUT
BIT 6 . . . 1
5
5
8
10
11
PORT DATA
(CPOL 0)
(CPOL 1)
PORT DATA
SS1
(OUTPUT)
3
10
11
4
1.If configured as output
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
2
9
SPSCK
SPSCK
=
=
Figure 14. SPI master mode timing (CPHA=1)
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
Freescale Semiconductor, Inc.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com