| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8A1702AX bảng dữ liệu(PDF) 60 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX bảng dữ liệu(HTML) 60 Page - SONiX Technology Company |
|
60 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 60 Revision 0.5 TC0R AUTO-LOAD REGISTER TC0R is an 8-bit register for the TC0 auto-reload function. TC0R’s value applies to TC0OUT and PWM0OUT functions. Under TC0OUT application, users must enable and set the TC0R register. The main purpose of TC0R is as following. Store the auto-reload value and set into TC0C when the TC0C overflow. (ALOAD0 = 1). Store the duty value of PWM0OUT function. TC0R initial value = xxxx xxxx 0CDH Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 TC0R TC0R7 TC0R6 TC0R5 TC0R4 TC0R3 TC0R2 TC0R1 TC0R0 W W W W W W W W The equation of TC0R initial value is like TC0C as following. TC0R initial value = N - (TC0 interrupt interval time * input clock) Which N is determinate by code option: TC0_Counter TC0_Counter N Max. TC0R value 8-bit 256 255 6-bit 64 63 5-bit 32 31 4-bit 16 15 Note: TheTC0R must small or equal than Max. TC0R value. Note: The TC0R is write-only register can’t be process by INCMS, DECMS instructions. |