công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8A1702AX bảng dữ liệu(PDF) 100 Page - SONiX Technology Company

tên linh kiện SN8A1702AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX bảng dữ liệu(HTML) 100 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 96Page - SONiX Technology Company SN8A1702AX Datasheet HTML 97Page - SONiX Technology Company SN8A1702AX Datasheet HTML 98Page - SONiX Technology Company SN8A1702AX Datasheet HTML 99Page - SONiX Technology Company SN8A1702AX Datasheet HTML 100Page - SONiX Technology Company SN8A1702AX Datasheet HTML 101Page - SONiX Technology Company SN8A1702AX Datasheet HTML 102Page - SONiX Technology Company SN8A1702AX Datasheet HTML 103Page - SONiX Technology Company SN8A1702AX Datasheet HTML 104Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 100
Revision 0.5
1
1
12
2
2CODING ISSUE
TEMPLATE CODE
;*******************************************************************************
; FILENAME
: TEMPLATE.ASM
; AUTHOR
: SONiX
; PURPOSE
: Template Code for SN8X17XX
; REVISION
: 09/01/2002 V1.0
First issue
;*******************************************************************************
;*
(c) Copyright 2002, SONiX TECHNOLOGY CO., LTD.
;*******************************************************************************
CHIP
SN8P1703A
; Select the CHIP
;-------------------------------------------------------------------------------
;
Include Files
;-------------------------------------------------------------------------------
.nolist
; do not list the macro file
INCLUDESTD
MACRO1.H
INCLUDESTD
MACRO2.H
INCLUDESTD
MACRO3.H
.list
; Enable the listing function
;-------------------------------------------------------------------------------
;
Constants Definition
;-------------------------------------------------------------------------------
;
ONE
EQU
1
;-------------------------------------------------------------------------------
;
Variables Definition
;-------------------------------------------------------------------------------
.DATA
org
0h
;Bank 0 data section start from RAM address 0x000
Wk00B0
DS
1
;Temporary buffer for main loop
Iwk00B0
DS
1
;Temporary buffer for ISR
AccBuf
DS
1
;Accumulator buffer
PflagBuf
DS
1
;PFLAG buffer
org
100h
;Bank 1 data section start from RAM address 0x100
BufB1
DS
20
;Temporary buffer in bank 1
;-------------------------------------------------------------------------------
;
Bit Flag Definition
;-------------------------------------------------------------------------------
Wk00B0_0
EQU
Wk00B0.0
;Bit 0 of Wk00B0
Iwk00B0_1
EQU
Iwk00B0.1
;Bit 1 of Iwk00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com