| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8A1702AX bảng dữ liệu(PDF) 34 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX bảng dữ liệu(HTML) 34 Page - SONiX Technology Company |
|
34 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 34 Revision 0.5 MULTI-ADDRESS JUMPING Users can jump round multi-address by either JMP instruction or ADD M, A instruction (M = PCL) to activate multi-address jumping function. If carry signal occurs after execution of ADD PCL, A, the carry signal will not affect PCH register. Example: If PC = 0323H (PCH = 03H 、PCL = 23H) ; PC = 0323H MOV A, #28H B0MOV PCL, A ; Jump to address 0328H . . . . ; PC = 0328H . . MOV A, #00H B0MOV PCL, A ; Jump to address 0300H Example: If PC = 0323H (PCH = 03H 、PCL = 23H) ; PC = 0323H B0ADD PCL, A ; PCL = PCL + ACC, the PCH cannot be changed. JMP A0POINT ; If ACC = 0, jump to A0POINT JMP A1POINT ; ACC = 1, jump to A1POINT JMP A2POINT ; ACC = 2, jump to A2POINT JMP A3POINT ; ACC = 3, jump to A3POINT . . ; |