| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8A1702AX bảng dữ liệu(PDF) 81 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX bảng dữ liệu(HTML) 81 Page - SONiX Technology Company |
|
81 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 81 Revision 0.5 INTERRUPT OPERATION DESCRIPTION SN8P1702A/SN8P1703A provides 3 interrupts. The operation of the 3 interrupts is as following. GIE GLOBAL INTERRUPT OPERATION GIE is the global interrupt control bit. All interrupts start work after the GIE = 1. It is necessary for interrupt service request. One of the interrupt requests occurs, and the program counter (PC) points to the interrupt vector (ORG 8) and the stack add 1 level. STKP initial value = 0xxx 1111 0DFH Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 STKP GIE - - - STKPB3 STKPB2 STKPB1 STKPB0 R/W - - - R/W R/W R/W R/W Bit7 GIE:Global interrupt control bit. 0 = disable 1 = enable. Example: Set global interrupt control bit (GIE). B0BSET FGIE ; Enable GIE Note: The GIE bit must enable and all interrupt operations work. |