| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TFP410MPAPREP bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TFP410MPAPREP bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 31 page ![]() TFP410-EP PanelBus ™ DIGITAL TRANSMITTER SGLS344A − JULY 2006 − REVISED MAY 2011 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Actual Display Area DE_CNT DE_LIN Full Vertical Frame DE_TOP V_RES H_RES DE_DLY Figure 9. DE Generator Register Functions register map The TFP410 is a standard I2C slave device. All the registers can be written and read through the I2C interface (unless otherwise specified). The TFP410 slave machine supports only byte read and write cycles. Page mode is not supported. The 8-bit binary address of the I2C machine is 0111 A3A2A1X, where A[3:1] are pin programmable or set to 000 by default. The I2C base address of the TFP410 is dependent on A[3:1] (pins 6, 7, and 8 respectively) as shown: A[3:1] WRITE ADDRESS (Hex) READ ADDRESS (Hex) 000 70 71 001 72 73 010 74 75 011 76 77 100 78 79 101 7A 7B 110 7C 7D 111 7E 7F |