| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMA8652FC bảng dữ liệu(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA8652FC bảng dữ liệu(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 77 page ![]() MMA8652FC Sensors 62 Freescale Semiconductor, Inc. The ACTIVE bit selects between STANDBY mode and ACTIVE mode. • The F_Read bit selects between normal and Fast Read mode. When selected, the auto-increment counter will skip over the LSB data bytes. Data read from the FIFO will skip over the LSB data, reducing the acquisition time. • Note that F_READ can only be changed when FMODE = 00. • The F_READ bit applies for both the output registers and the FIFO. Table 65. Full-Scale selection using ACTIVE bit Active bit Mode 0 STANDBY (default) 1ACTIVE |