| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F6456GLFD bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6456GLFD bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 120 page ![]() REJ03B0233-0110 Rev.1.10 Page 30 of 115 Nov 09, 2010 R32C/156 Group 4. Special Function Registers (SFRs) Table 4.11 SFR List (11) Address Register Symbol Reset Value 000200h Group0 Phase Shift Waveform Output Mode Clock Division Setting Register G0SDR 00h 000201h Group0 Phase Shift Waveform Output Mode Control Register G0PSCR 00h 000202h Group1 Phase Shift Waveform Output Mode Clock Division Setting Register G1SDR 00h 000203h Group1 Phase Shift Waveform Output Mode Control Register G1PSCR 00h 000204h Group2 Phase Shift Waveform Output Mode Clock Division Setting Register G2SDR 00h 000205h Group2 Phase Shift Waveform Output Mode Control Register G2PSCR 00h 000206h Group3 Phase Shift Waveform Output Mode Clock Division Setting Register G3SDR 00h 000207h Group3 Phase Shift Waveform Output Mode Control Register G3PSCR 00h 000208h Timer B Event Clock Select Register TBECKS 0000 0000b 000209h 00020Ah 00020Bh 00020Ch 00020Dh 00020Eh 00020Fh 000210h IIO0_7 Digital Debounce Register IC07DDR FFh 000211h IIO1_7 Digital Debounce Register IC17DDR FFh 000212h IIO2_7 Digital Debounce Register IC27DDR FFh 000213h IIO3_7 Digital Debounce Register IC37DDR FFh 000214h 000215h 000216h 000217h 000218h 000219h 00021Ah 00021Bh 00021Ch 00021Dh 00021Eh 00021Fh 000220h Timer A1 Mirror Register TA1M XXXXh 000221h 000222h Timer A1-1 Mirror Register TA11M XXXXh 000223h 000224h Timer A2 Mirror Register TA2M XXXXh 000225h 000226h Timer A2-1 Mirror Register TA21M XXXXh 000227h 000228h Timer A4 Mirror Register TA4M XXXXh 000229h 00022Ah Timer A4-1 Mirror Register TA41M XXXXh 00022Bh 00022Ch 00022Dh 00022Eh 00022Fh X: Undefined Blanks are reserved. No access is allowed. |