| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F6456GLFD bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6456GLFD bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp |
|
36 / 120 page ![]() REJ03B0233-0110 Rev.1.10 Page 36 of 115 Nov 09, 2010 R32C/156 Group 4. Special Function Registers (SFRs) Table 4.17 SFR List (17) Address Register Symbol Reset Value 000380h A/D0 Register 0 AD00 00XXh 000381h 000382h A/D0 Register 1 AD01 00XXh 000383h 000384h A/D0 Register 2 AD02 00XXh 000385h 000386h A/D0 Register 3 AD03 00XXh 000387h 000388h A/D0 Register 4 AD04 00XXh 000389h 00038Ah A/D0 Register 5 AD05 00XXh 00038Bh 00038Ch A/D0 Register 6 AD06 00XXh 00038Dh 00038Eh A/D0 Register 7 AD07 00XXh 00038Fh 000390h 000391h 000392h A/D0 Control Register 4 AD0CON4 XXXX 00XXb 000393h A/D0 Control Register 5 AD0CON5 00h 000394h A/D0 Control Register 2 AD0CON2 X00X X000b 000395h A/D0 Control Register 3 AD0CON3 XXXX X000b 000396h A/D0 Control Register 0 AD0CON0 00h 000397h A/D0 Control Register 1 AD0CON1 00h 000398h D/A Register 0 DA0 XXh 000399h 00039Ah D/A Register 1 DA1 XXh 00039Bh 00039Ch D/A Control Register DACON XXXX XX00b 00039Dh 00039Eh 00039Fh 0003A0h 0003A1h 0003A2h 0003A3h 0003A4h 0003A5h 0003A6h 0003A7h 0003A8h 0003A9h 0003AAh 0003ABh 0003ACh 0003ADh 0003AEh 0003AFh X: Undefined Blanks are reserved. No access is allowed. |