| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F6456GLFD bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6456GLFD bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 120 page ![]() REJ03B0233-0110 Rev.1.10 Page 19 of 115 Nov 09, 2010 R32C/156 Group 3. Memory 3. Memory Figure 3.1 shows the memory map of the R32C/156 Group. The R32C/156 Group provides a 4-Gbyte address space from 00000000h to FFFFFFFFh. The internal ROM is mapped to the end of the memory map with the ending address fixed at FFFFFFFFh. Therefore, the 512-Kbyte internal ROM is mapped from FFF80000h to FFFFFFFFh. The fixed interrupt vector table which contains each start address of interrupt handlers is mapped from FFFFFFDCh to FFFFFFFFh. The internal RAM is mapped to the beginning of the memory map with the starting address fixed at 00000400h. Therefore, the 32-Kbyte internal RAM is mapped from 00000400h to 000083FFh. Besides being used for data storage, the internal RAM functions as a stack(s) for subroutines and/or interrupt handlers. Special Function Registers (SFRs), which are control registers for peripheral functions, are mapped from 00000000h to 000003FFh, and from 00040000h to 0004FFFFh. Unoccupied SFR locations are reserved. No access is allowed. Figure 3.1 Memory Map Internal RAM SFR1 SFR2 Internal ROM 000 00000 h FFFFFFFFh Reset NMI Reserved Watchdog timer (2) Reserved Reserved BRK instruction Overflow Undefined instruction FFFFFFFFh FFFFFFDCh Notes: 1. Additional two 4-Kbyte spaces (blocks A and B) for storing data are provided in the flash memory version. 2. The watchdog timer interrupt shares the vector table with the oscillator stop detection interrupt and low voltage detection interrupt. YYYYYYYYh 0000 0400h XXXXXXXXh Reserved 0004 0000h Internal ROM (Data space) (1) 0006 0000h 0006 2000h Reserved 000 50000 h Reserved Internal RAM Capacity XXXXXXXXh 32 Kbytes 00008400h 24 Kbytes 00006400h Internal ROM Capacity YYYYYYYYh 256 Kbytes FFFC0000h 384 Kbytes FFFA0000h 512 Kbytes FFF80000h 20 Kbytes 00005400h |