| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F6456GLFD bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6456GLFD bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp |
|
34 / 120 page ![]() REJ03B0233-0110 Rev.1.10 Page 34 of 115 Nov 09, 2010 R32C/156 Group 4. Special Function Registers (SFRs) Table 4.15 SFR List (15) Address Register Symbol Reset Value 000320h 000321h 000322h 000323h 000324h 000325h 000326h 000327h 000328h 000329h 00032Ah 00032Bh 00032Ch 00032Dh 00032Eh 00032Fh 000330h 000331h 000332h 000333h 000334h UART2 Special Mode Register 4 U2SMR4 00h 000335h UART2 Special Mode Register 3 U2SMR3 00h 000336h UART2 Special Mode Register 2 U2SMR2 00h 000337h UART2 Special Mode Register U2SMR 00h 000338h UART2 Transmit/Receive Mode Register U2MR 00h 000339h UART2 Bit Rate Register U2BRG XXh 00033Ah UART2 Transmit Buffer Register U2TB XXXXh 00033Bh 00033Ch UART2 Transmit/Receive Control Register 0 U2C0 0000 1000b 00033Dh UART2 Transmit/Receive Control Register 1 U2C1 0000 0010b 00033Eh UART2 Receive Buffer Register U2RB XXXXh 00033Fh 000340h Count Start Register TABSR 0000 0000b 000341h Clock Prescaler Reset Register CPSRF 0XXX XXXXb 000342h One-shot Start Register ONSF 0000 0000b 000343h Trigger Select Register TRGSR 0000 0000b 000344h Increment/Decrement Counting Select Register UDF 0000 0000b 000345h 000346h Timer A0 Register TA0 XXXXh 000347h 000348h Timer A1 Register TA1 XXXXh 000349h 00034Ah Timer A2 Register TA2 XXXXh 00034Bh 00034Ch Timer A3 Register TA3 XXXXh 00034Dh 00034Eh Timer A4 Register TA4 XXXXh 00034Fh X: Undefined Blanks are reserved. No access is allowed. |