| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F6456GLFD bảng dữ liệu(PDF) 103 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6456GLFD bảng dữ liệu(HTML) 103 Page - Renesas Technology Corp |
|
103 / 120 page ![]() REJ03B0233-0110 Rev.1.10 Page 103 of 115 Nov 09, 2010 R32C/156 Group 5. Electrical Characteristics VCC =3.3 V Table 5.38 Electrical Characteristics (3/3) (VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) Symbol Characte ristic Measurement condition Value Unit Min. Typ. Max. ICC Power supply current In single-chip mode, output pins are left open and others are connected to VSS XIN-XOUT Drive power: low XCIN-XCOUT Drive power: low f(CPU) =64 MHz, f(BCLK) =32 MHz, f(XIN) =8MHz, Active: XIN, PLL, Stopped: XCIN, OCO 37 60 mA f(CPU) = fSO(PLL)/24 MHz, Active: PLL (self-oscillation), Stopped: XIN, XCIN, OCO 7mA f(CPU) = f(BCLK) = f(XIN)/256 MHz, f(XIN) =8MHz, Active: XIN, Stopped: PLL, XCIN, OCO 670 µA f(CPU) = f(BCLK) = 32.768 kHz, Active: XCIN, Stopped: XIN, PLL, OCO, Main regulator: shutdown 180 µA f(CPU) = f(BCLK) = f(OCO)/4 kHz, Active: OCO, Stopped: XIN, PLL, XCIN, Main regulator: shutdown 190 µA f(CPU) = f(BCLK) = f(XIN)/256 MHz, f(XIN) = 8 MHz, Active: XIN, Stopped: PLL, XCIN, OCO, Ta = 25°C, Wait mode 500 900 µA f(CPU) = f(BCLK) = 32.768 kHz, Active: XCIN, Stopped: XIN, PLL, OCO, Main regulator: shutdown, Ta = 25°C, Wait mode 8 140 µA f(CPU) = f(BCLK) = f(OCO)/4 kHz, Active: OCO, Stopped: XIN, PLL, XCIN, Main regulator: shutdown, Ta = 25°C, Wait mode 10 150 µA Stopped: all clocks, Main regulator: shutdown, Ta = 25°C 570 µA Stopped: all clocks, Main regulator: shutdown, Ta = 85°C 400 µA Stopped: all clocks, Main regulator: shutdown, Ta = 105°C 1200 µA Stopped: all clocks, Main regulator: shutdown, Ta = 125°C 2000 µA |