| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFS090 bảng dữ liệu(PDF) 75 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS090 bảng dữ liệu(HTML) 75 Page - Microsemi Corporation |
|
75 / 334 page ![]() Fusion Family of Mixed Signal FPGAs R e visio n 2 2 - 59 Conversely, when writing 4-bit values and reading 9-bit values, the ninth bit of a read operation will be undefined. The RAM blocks employ little-endian byte order for read and write operations. Figure 2-47 • Fusion RAM Block with Embedded FIFO Controller RCLK WD WCLK Reset RBLK REN ESTOP WBLK WEN FSTOP RD[17:0] WD[17:0] RCLK WCLK RADD[J:0] WADD[J:0] REN FREN FWEN WEN FULL AEMPTY AFULL EMPTY RD RAM CNT 12 E = E = AFVAL AEVAL SUB 12 CNT 12 |