| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KL402 bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KL402 bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 260 page ![]() 2011 Microchip Technology Inc. DS31037B-page 17 PIC24F16KL402 FAMILY SOSCI 9 6 11 8 I ANA Secondary Oscillator Input SOSCO 10 7 12 9 O ANA Secondary Oscillator Output SS1 12 9 26 23 O — SPI1 Slave Select SS2 15 12 23 20 O — SPI2 Slave Select T1CK 13 10 18 15 I ST Timer1 Clock T3CK 18 15 26 23 I ST Timer3 Clock T3G 6363 I ST Timer3 External Gate Input U1CTS 12 9 17 14 I ST UART1 Clear-to-Send Input U1RTS 13 10 18 15 O — UART1 Request-to-Send Output U1RX 6363 I ST UART1 Receive U1TX 11 8 16 13 O — UART1 Transmit U2CTS 10 7 12 9 I ST UART2 Clear-to-Send Input U2RTS 9 6 11 8 O — UART2 Request-to-Send Output U2RX 5252 I ST UART2 Receive U2TX 4141 O — UART2 Transmit ULPWU 4141 I ANA Ultra Low-Power Wake-up Input VDD 20 17 13, 28 10, 25 P — Positive Supply for Peripheral Digital Logic and I/O Pins VREF+ 2 19 2 27 I ANA A/D Reference Voltage Input (+) VREF- 3 20 3 28 I ANA A/D Reference Voltage Input (-) VSS 19 16 8, 27 5, 24 P — Ground Reference for Logic and I/O Pins TABLE 1-4: PIC24F16KL40X/30X FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Buffer Description 20-Pin PDIP/ SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/ SSOP/ SOIC 28-Pin QFN Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C™/SMBus input buffer |