| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KL402 bảng dữ liệu(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KL402 bảng dữ liệu(HTML) 52 Page - Microchip Technology |
|
52 / 260 page ![]() PIC24F16KL402 FAMILY DS31037B-page 52 2011 Microchip Technology Inc. EXAMPLE 5-4: LOADING THE WRITE BUFFERS – ‘C’ LANGUAGE CODE EXAMPLE 5-5: INITIATING A PROGRAMMING SEQUENCE – ASSEMBLY LANGUAGE CODE EXAMPLE 5-6: INITIATING A PROGRAMMING SEQUENCE – ‘C’ LANGUAGE CODE // C example using MPLAB C30 #define NUM_INSTRUCTION_PER_ROW 64 int __attribute__ ((space(auto_psv))) progAddr = &progAddr; // Global variable located in Pgm Memory unsigned int offset; unsigned int i; unsigned int progData[2*NUM_INSTRUCTION_PER_ROW]; // Buffer of data to write //Set up NVMCON for row programming NVMCON = 0x4004; // Initialize NVMCON //Set up pointer to the first memory location to be written TBLPAG = __builtin_tblpage(&progAddr); // Initialize PM Page Boundary SFR offset = &progAddr & 0xFFFF; // Initialize lower word of address //Perform TBLWT instructions to write necessary number of latches for(i=0; i < 2*NUM_INSTRUCTION_PER_ROW; i++) { __builtin_tblwtl(offset, progData[i++]); // Write to address low word __builtin_tblwth(offset, progData[i]); // Write to upper byte offset = offset + 2; // Increment address } DISI #5 ; Block all interrupts for next 5 instructions MOV #0x55, W0 MOV W0, NVMKEY ; Write the 55 key MOV #0xAA, W1 ; MOV W1, NVMKEY ; Write the AA key BSET NVMCON, #WR ; Start the erase sequence NOP ; 2 NOPs required after setting WR NOP ; BTSC NVMCON, #15 ; Wait for the sequence to be completed BRA $-2 ; // C example using MPLAB C30 asm("DISI #5"); // Block all interrupts for next 5 instructions __builtin_write_NVM(); // Perform unlock sequence and set WR |