| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KL402 bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KL402 bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 260 page ![]() 2011 Microchip Technology Inc. DS31037B-page 15 PIC24F16KL402 FAMILY CN0 10 7 12 9 I ST Interrupt-on-Change Inputs CN1 9 6 11 8 I ST CN2 2 19 2 27 I ST CN3 3 20 3 28 I ST CN4 4141 I ST CN5 5252 I ST CN6 6363 I ST CN7 — — 7 4 I ST CN8 14 11 20 17 I ST CN9 — — 19 16 I ST CN11 18 15 26 23 I ST CN12 17 14 25 22 I ST CN13 16 13 24 21 I ST CN14 15 12 23 20 I ST CN15 — — 22 19 I ST CN16 — — 21 18 I ST CN21 13 10 18 15 I ST CN22 12 9 17 14 I ST CN23 11 8 16 13 I ST CN24 — — 15 12 I ST CN27 — — 14 11 I ST CN29 8 5 10 7 I ST CN30 7496 I ST CVREF 17 14 25 22 I ANA Comparator Voltage Reference Output CVREF+ 2 19 2 27 I ANA Comparator Reference Positive Input Voltage CVREF- 3 20 3 28 I ANA Comparator Reference Negative Input Voltage FLT0 17 14 25 22 I ST ECCP1 Enhanced PWM Fault Input HLVDIN 15 12 23 20 I ST High/Low-Voltage Detect Input INT0 11 8 16 13 I ST Interrupt 0 Input INT1 17 14 25 22 I ST Interrupt 1 Input INT2 14 11 20 17 I ST Interrupt 2 Input MCLR 1 18 1 26 I ST Master Clear (device Reset) Input. This line is brought low to cause a Reset. OSCI 7496 I ANA Main Oscillator Input OSCO 8 5 10 7 O ANA Main Oscillator Output P1A 14 11 20 17 O — ECCP1 Output A (Enhanced PWM Mode) P1B 5 2 21 18 O — ECCP1 Output B (Enhanced PWM Mode) P1C 4 1 22 19 O — ECCP1 Output C (Enhanced PWM Mode) P1D 16 13 18 15 O — ECCP1 Output D (Enhanced PWM Mode) TABLE 1-4: PIC24F16KL40X/30X FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Buffer Description 20-Pin PDIP/ SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/ SSOP/ SOIC 28-Pin QFN Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C™/SMBus input buffer |