| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KL402 bảng dữ liệu(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KL402 bảng dữ liệu(HTML) 86 Page - Microchip Technology |
|
86 / 260 page ![]() PIC24F16KL402 FAMILY DS31037B-page 86 2011 Microchip Technology Inc. REGISTER 8-22: IPC5: INTERRUPT PRIORITY CONTROL REGISTER 5 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-1 R/W-0 R/W-0 — — — — — INT1IP2 INT1IP1 INT1IP0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 INT1IP<2:0>: External Interrupt 1 Priority bits 111 = Interrupt is Priority 7 (highest priority interrupt) • • • 001 = Interrupt is Priority 1 000 = Interrupt source is disabled |