công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LH28F008SC bảng dữ liệu(PDF) 28 Page - Sharp Corporation

tên linh kiện LH28F008SC
Giải thích chi tiết về linh kiện  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC bảng dữ liệu(HTML) 28 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 24Page - Sharp Corporation LH28F008SC Datasheet HTML 25Page - Sharp Corporation LH28F008SC Datasheet HTML 26Page - Sharp Corporation LH28F008SC Datasheet HTML 27Page - Sharp Corporation LH28F008SC Datasheet HTML 28Page - Sharp Corporation LH28F008SC Datasheet HTML 29Page - Sharp Corporation LH28F008SC Datasheet HTML 30Page - Sharp Corporation LH28F008SC Datasheet HTML 31Page - Sharp Corporation LH28F008SC Datasheet HTML 32Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
28
AC CHARACTERISTICS - Write Operations1
VCC = 5 V ± 0.5 V, 5 V ± 0.25 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
LH28F008SC-856
LH28F008SC-907
LH28F008SC-1208
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
t
AVAV
Write Cycle Time
85
90
120
ns
t
PHWL
RP
» High Recovery to WE
Going Low
1
1
1
µs
2
t
ELWL
CE
» Setup to WE Going Low
10
10
10
ns
t
WLWH
WE Pulse Width
40
40
40
ns
t
PHHWH
RP
» V
HH Setup to WE
Going High
100
100
100
ns
2
t
VPWH
V
PP Setup to WE
Going High
100
100
100
ns
2
t
AVWH
Address Setup to WE
Going High
40
40
40
ns
3
t
DVWH
Data Setup to WE
Going High
40
40
40
ns
3
t
WHDX
Data Hold from WE High
5
5
5
ns
t
WHAX
Address Hold from
WE High
5
5
5
ns
t
WHEH
CE
» Hold from WE High
10
10
10
ns
t
WHWL
WE Pulse Width High
30
30
30
ns
t
WHRL
WE High to RY
»/BY» Going
Low
90
90
ns
t
WHGL
Write Recovery before
Read
00
0
ns
t
QVVL
V
PP Hold from Valid SRD,
RY
»/BY » High
00
0
ns
2, 4
t
QVPH
RP
» V
HH Hold from Valid
SRD, RY
»/BY » High
00
0
ns
2, 4
NOTES:
1. Read timing characteristics during block erase, byte write and lock-bit configuration operations are
the same as during read-only operations. Refer to AC Characteristics for read-only operations.
2. Sampled, not 100% tested.
3. Refer to Command Definitions Table for valid AIN and DIN for block erase, byte write, or lock-bit configuration.
4. VPP should be held at VPPH1/2/3 (and if necessary RP  » should be held at VHH) until determination of block erase,
byte write, or lock-bit configuration success (SR.1/3/4/5 = 0).
5. See Ordering Information for device speeds (valid operational combinations).
6. See Transient Input/Output Reference Waveform and Transient Equivalent Testing Load Circuit (High Seed Configuration)
for testing characteristics.
7. See Transient Input/Output Reference Waveform and Transient Equivalent Testing Load Circuit (Standard Configuration)
for testing characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com