công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LH28F008SC bảng dữ liệu(PDF) 19 Page - Sharp Corporation

tên linh kiện LH28F008SC
Giải thích chi tiết về linh kiện  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC bảng dữ liệu(HTML) 19 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 15Page - Sharp Corporation LH28F008SC Datasheet HTML 16Page - Sharp Corporation LH28F008SC Datasheet HTML 17Page - Sharp Corporation LH28F008SC Datasheet HTML 18Page - Sharp Corporation LH28F008SC Datasheet HTML 19Page - Sharp Corporation LH28F008SC Datasheet HTML 20Page - Sharp Corporation LH28F008SC Datasheet HTML 21Page - Sharp Corporation LH28F008SC Datasheet HTML 22Page - Sharp Corporation LH28F008SC Datasheet HTML 23Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
19
Figure 11. Clear Block Lock-Bits Flowchart
START
BUS
OPERATION
COMMAND
COMMENTS
WRITE 60H
SR.7 =
1
0
1
YES
0
FULL STATUS
CHECK IF DESIRED
CLEAR BLOCK
LOCK-BITS COMPLETE
WRITE D0H
CLEAR BLOCK
LOCK-BITS
SUCCESSFUL
VPP RANGE
ERROR
READ STATUS
REGISTER DATA
(see above)
SR.3 =
Write
Write
Read
Standby
Clear Block
Lock-Bits Setup
Clear Block
Lock-Bits
Confirm
Data = 60H
Addr = X
Status Register Data
Check SR.7
1 = WSM Ready
0 = WSM Busy
Data = D0H
Addr = X
Write FFH after the Clear Block Lock-Bits operation to
place device in read array mode.
BUS
OPERATION
COMMAND
FULL STATUS CHECK PROCEDURE
COMMENTS
Standby
Standby
Standby
Standby
Check SR.3
1 = VPP Error Detect
Check SR.1
1 = Device Protect Detect
RP = VIH, Master Lock-Bit is Set
Check SR.4, 5
Both 1 = Command
Sequence Error
Check SR.5
1 = Clear Block Lock-Bit Error
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status
Register command.
If error is detected, clear the Status Register before attemping
retry or other error recovery.
28F008SC-11
READ STATUS REGISTER
YES
SR.1 =
SR.4, 5 =
SR.5 =
1
1
COMMAND
SEQUENCE
ERROR
DEVICE
PROTECT
ERROR
1
CLEAR BLOCK
LOCK-BITS ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com