công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LH28F008SC bảng dữ liệu(PDF) 12 Page - Sharp Corporation

tên linh kiện LH28F008SC
Giải thích chi tiết về linh kiện  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC bảng dữ liệu(HTML) 12 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation LH28F008SC Datasheet HTML 10Page - Sharp Corporation LH28F008SC Datasheet HTML 11Page - Sharp Corporation LH28F008SC Datasheet HTML 12Page - Sharp Corporation LH28F008SC Datasheet HTML 13Page - Sharp Corporation LH28F008SC Datasheet HTML 14Page - Sharp Corporation LH28F008SC Datasheet HTML 15Page - Sharp Corporation LH28F008SC Datasheet HTML 16Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
12
Set Block and Master
Lock-Bit Commands
A flexible block locking and unlocking scheme is
enabled via a combination of block lock-bits and a mas-
ter lock-bit. The block lock-bits gate program and erase
operations while the master lock-bit gates block-lock bit
modification. With the master lock-bit not set, individual
block lock-bits can be set using the Set Block Lock-Bit
command. The Set Master Lock-Bit command, in con-
junction with RP
  » = VHH, sets the master lock-bit. After
the master lock-bit is set, subsequent setting of block
lock-bits requires both the Set Block Lock-Bit command
and VHH on the RP  » pin. See Write Protection Analysis
Table for a summary of hardware and software write
protection options.
Set block lock-bit and master lock-bit are executed
by a two-cycle command sequence. The set block or
master lock-bit setup along with appropriate block or
device address is written followed by either the set block
lock-bit confirm (and an address within the block to be
locked) or the set master lock-bit confirm (and any
device address). The WSM then controls the set lock-
bit algorithm. After the sequence is written, the device
automatically outputs status register data when read
(see Figure 10). The CPU can detect the completion of
the set lock-bit event by analyzing the RY
  »/BY  » pin out-
put or status register bit SR.7.
When the set lock-bit operation is complete, status
register, bit SR.4 should be checked. If an error is
detected, the status register should be cleared.The CUI
will remain in read status register mode until a new com-
mand is issued.
This two-step sequence of set-up followed by execu-
tion ensures that lock-bits are not accidentally set. An
invalid Set Block or Master Lock-Bit command will
result in status register bits SR.4 and SR.5 being set
to '1'. Also, reliable operations occur only when
VCC = VCC1/2/3 and VPP = VPPH1/2/3. In the absence of
this high voltage, lock-bit contents are protected against
alteration.
A successful set block lock-bit operation requires that
the master lock-bit be cleared or, if the master lock-bit
is set, that RP
  » = VHH. If it is attempted with the master
lock-bit set and RP
  » = VIH, SR.1 and SR.4 will be set to
'1' and the operation will fail. Set block lock-bit opera-
tions while VIH < RP  » < VHH produce spurious results
and should not be attempted. A successful set master
lock-bit operation requires that RP
  » = VHH. If it is at-
tempted with RP
  » = VIH, SR.1 and SR.4 will be set to '1'
and the operation will fail. Set master lock-bit opera-
tions withVIH < RP  » < VHH produce spurious results and
should not be attempted.
Clear Block Lock-Bits Command
All set block lock-bits are cleared in parallel via the
Clear Block Lock-Bits command. With the master lock-
bit not set, block lock-bits can be cleared using only the
Clear Block Lock-Bits command. If the master lock-bit
is set, clearing block lock-bits requires both the Clear
Block Lock-Bits command and VHH on the RP  » pin. See
Write Protection Analysis Table for a summary of hard-
ware and software white protection options.
Clear block lock-bits operation is executed by a two-
cycle command sequence. A clear block lock-bits setup
is first written. After the command is written, the device
automatically outputs status register data when read
(see Figure 11). The CPU can detect completion of the
clear block lock-bits event by analyzing the RY
  »/BY  » Pin
output or status register bit SR.7.
When the operation is complete, status register bit
SR.5 should be checked. If a clear block lock-bit error is
detected, the status register should be cleared.The CUI
will remain in read status register mode until another
command is issued.
This two-step sequence of set-up followed by execu-
tion ensures that block lock-bits are not accidentally
cleared. An invalid Clear Block Lock-Bits command
sequence will result in status register bits SR.4 and SR.5
being set to “1”. Also, a reliable clear block lock bits
operation can only occur when VCC = VCC1/2/3 and
VPP = VPPH1/2/3. If a clear block lock-bits operation is
attempted whileVPP ≤ VPPLK, SR.3 and SR.5 will be set
to '1'. In the absence of this high voltage, the block lock-
bits content are protected against alteration. A success-
ful clear block lock-bits operation requires that the master
lock-bit is not set or, if the master lock-bit is set, that
RP
  » = VHH. If it is attempted with the master lock-bit set
and RP
  » = VIH, SR.1 and SR.5 will be set to '1' and the
operation will fail. A clear block lock-bits operation with
VIH < RP  » < VHH produce spurious results and should
not be attempted.
If a clear block lock-bits operation is aborted due to
VPP or VCC transitioning out of valid range or RP  »
active transition, block lock-bit values are left in an
undetermined state. A repeat of clear block lock-bits is
required to initialize block lock-bit contents to known
value. Once the master lock-bit is set, it cannont be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com