công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28027DAS bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28027DAS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 5Page - Texas Instruments TMS320F28027DAS Datasheet HTML 6Page - Texas Instruments TMS320F28027DAS Datasheet HTML 7Page - Texas Instruments TMS320F28027DAS Datasheet HTML 8Page - Texas Instruments TMS320F28027DAS Datasheet HTML 9Page - Texas Instruments TMS320F28027DAS Datasheet HTML 10Page - Texas Instruments TMS320F28027DAS Datasheet HTML 11Page - Texas Instruments TMS320F28027DAS Datasheet HTML 12Page - Texas Instruments TMS320F28027DAS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Table 2-2. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O/Z
DESCRIPTION
PT
DA
NAME
PIN #
PIN #
On-chip crystal-oscillator input. To use this oscillator, a quartz crystal or a ceramic
resonator must be connected across X1 and X2. In this case, the XCLKIN path must
X1
45
–
I
be disabled by bit 13 in the CLKCTL register. If this pin is not used, it must be tied to
GND. (I)
On-chip crystal-oscillator output. A quartz crystal or a ceramic resonator must be
X2
46
–
O
connected across X1 and X2. If X2 is not used, it must be left unconnected. (O)
RESET
Device Reset (in) and Watchdog Reset (out). Piccolo devices have a built-in
power-on-reset (POR) and brown-out-reset (BOR) circuitry. As such, no external
circuitry is needed to generate a reset pulse. During a power-on or brown-out
condition, this pin is driven low by the device. See Section 6.3, Electrical
Characteristics, for thresholds of the POR/BOR block. This pin is also driven low by
the MCU when a watchdog reset occurs. During watchdog reset, the XRS pin is driven
low for the watchdog reset duration of 512 OSCCLK cycles. If need be, an external
XRS
3
17
I/OD
circuitry may also drive this pin to assert a device reset. In this case, it is
recommended that this pin be driven by an open-drain device. An R-C circuit must be
connected to this pin for noise immunity reasons. Regardless of the source, a device
reset causes the device to terminate execution. The program counter points to the
address contained at the location 0x3FFFC0. When reset is deactivated, execution
begins at the location designated by the program counter. The output buffer of this pin
is an open-drain with an internal pullup. (I/OD)
ADC, COMPARATOR, ANALOG I/O
ADCINA7
6
–
I
ADC Group A, Channel 7 input
ADCINA6
I
ADC Group A, Channel 6 input
4
18
AIO6
I/O
Digital AIO 6
ADCINA4
I
ADC Group A, Channel 4 input
COMP2A
5
19
I
Comparator Input 2A (available in 48-pin device only)
AIO4
I/O
Digital AIO 4
ADCINA3
7
–
I
ADC Group A, Channel 3 input
ADCINA2
I
ADC Group A, Channel 2 input
COMP1A
9
20
I
Comparator Input 1A
AIO2
I/O
Digital AIO 2
ADCINA1
8
–
I
ADC Group A, Channel 1 input
ADC Group A, Channel 0 input
ADCINA0
I
10
21
ADC External Reference – only used when in ADC external reference mode. See
VREFHI
I
Section 4.1.1, ADC.
ADCINB7
18
–
I
ADC Group B, Channel 7 input
ADCINB6
I
ADC Group B, Channel 6 input
17
26
AIO14
I/O
Digital AIO 14
ADCINB4
I
ADC Group B, Channel 4 input
COMP2B
16
25
I
Comparator Input 2B (available in 48-pin device only)
AIO12
I/O
Digital AIO12
ADCINB3
15
–
I
ADC Group B, Channel 3 input
ADCINB2
I
ADC Group B, Channel 2 input
COMP1B
14
24
I
Comparator Input 1B
AIO10
I/O
Digital AIO 10
ADCINB1
13
–
I
ADC Group B, Channel 1 input
Copyright © 2008–2010, Texas Instruments Incorporated
Introduction
9
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com