công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28027DAS bảng dữ liệu(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28027DAS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS bảng dữ liệu(HTML) 76 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 72Page - Texas Instruments TMS320F28027DAS Datasheet HTML 73Page - Texas Instruments TMS320F28027DAS Datasheet HTML 74Page - Texas Instruments TMS320F28027DAS Datasheet HTML 75Page - Texas Instruments TMS320F28027DAS Datasheet HTML 76Page - Texas Instruments TMS320F28027DAS Datasheet HTML 77Page - Texas Instruments TMS320F28027DAS Datasheet HTML 78Page - Texas Instruments TMS320F28027DAS Datasheet HTML 79Page - Texas Instruments TMS320F28027DAS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
www.ti.com
5.2
Related Documentation
Extensive documentation supports all of the TMS320™ MCU family generations of devices from product
announcement through applications development. The types of documentation available include: data
sheets and data manuals, with design specifications; and hardware and software applications.
Table 5-1 shows the peripheral reference guides appropriate for use with the devices in this data manual.
See the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) for more
information on types of peripherals.
Table 5-1. TMS320F2802x, TMS320F2802xx Peripheral Selection Guide
28027, 28026,
PERIPHERAL
LIT. NO.
TYPE(1)
28023, 28022,
280200
28021, 28020
TMS320x2802x/TMS320F2802xx Piccolo System Control and Interrupts
SPRUFN3
–
X
X
Reference Guide
TMS320x2802x, 2803x Piccolo Analog-to-Digital Converter (ADC) and
SPRUGE5
3/0(2)
X
X
Comparator
TMS320x2802x, 2803x Piccolo Serial Communications Interface (SCI)
SPRUGH1
0
X
X
TMS320x2802x, 2803x Piccolo Serial Peripheral Interface (SPI)
SPRUG71
1
X
X
TMS320x2802x Piccolo Boot ROM
SPRUFN6
–
X
X
TMS320x2802x, 2803x Piccolo Enhanced Pulse Width Modulator (ePWM)
SPRUGE9
1
X
X
Module
TMS320x2802x, 2803x Piccolo Enhanced Capture (eCAP) Module
SPRUFZ8
0
X
–
TMS320x2802x, 2803x Piccolo Inter-Integrated Circuit (I2C)
SPRUFZ9
0
X
X
TMS320x2802x, 2803x Piccolo High-Resolution Pulse-Width Modulator
SPRUGE8
1
X
–
(HRPWM)
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
peripheral reference guides.
(2)
The ADC module is Type 3 and the comparator module is Type 0.
The following documents can be downloaded from the TI website (www.ti.com):
Errata
SPRZ292
TMS320F28027,
TMS320F28026,
TMS320F28023,
TMS320F28022,
TMS320F28021,
TMS320F28020, TMS320F280200 Piccolo MCU Silicon Errata describes known advisories
on silicon and provides workarounds.
CPU User's Guides
SPRU430
TMS320C28x CPU and Instruction Set Reference Guide describes the central processing
unit (CPU) and the assembly language instructions of the TMS320C28x fixed-point digital
signal processors (DSPs). It also describes emulation features available on these DSPs.
Peripheral Guides
SPRUFN3
TMS320x2802x/TMS320F2802xx Piccolo System Control and Interrupts Reference
Guide describes the various interrupts and system control features of the 2802x
microcontrollers (MCUs).
SPRU566
TMS320x28xx, 28xxx DSP Peripheral Reference Guide describes the peripheral reference
guides of the 28x digital signal processors (DSPs).
SPRUFN6
TMS320x2802x Piccolo Boot ROM Reference Guide describes the purpose and features
of the boot loader (factory-programmed boot-loading software) and provides examples of
code. It also describes other contents of the device on-chip boot ROM and identifies where
all of the information is located within that memory.
76
Device Support
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com