công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28027DAS bảng dữ liệu(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28027DAS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 79Page - Texas Instruments TMS320F28027DAS Datasheet HTML 80Page - Texas Instruments TMS320F28027DAS Datasheet HTML 81Page - Texas Instruments TMS320F28027DAS Datasheet HTML 82Page - Texas Instruments TMS320F28027DAS Datasheet HTML 83Page - Texas Instruments TMS320F28027DAS Datasheet HTML 84Page - Texas Instruments TMS320F28027DAS Datasheet HTML 85Page - Texas Instruments TMS320F28027DAS Datasheet HTML 86Page - Texas Instruments TMS320F28027DAS Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
6.4.1
Reducing Current Consumption
The 2802x/280200 devices incorporate a method to reduce the device current consumption. Since each
peripheral unit has an individual clock-enable bit, significant reduction in current consumption can be
achieved by turning off the clock to any peripheral module that is not used in a given application.
Furthermore, any one of the three low-power modes could be taken advantage of to reduce the current
consumption even further. Table 6-4 indicates the typical reduction in current consumption achieved by
turning off the clocks.
Table 6-4. Typical Current Consumption by Various
Peripherals (at 60 MHz)(1)
PERIPHERAL
IDD CURRENT
MODULE(2)
REDUCTION (mA)
ADC
2(3)
I2C
3
ePWM
2
eCAP
2
SCI
2
SPI
2
COMP/DAC
1
HRPWM
3
CPU-TIMER
1
Internal zero-pin oscillator
0.5
(1)
All peripheral clocks (except CPU Timer clocks) are disabled upon
reset. Writing to/reading from peripheral registers is possible only
after the peripheral clocks are turned on.
(2)
For peripherals with multiple instances, the current quoted is per
module. For example, the 2 mA value quoted for ePWM is for one
ePWM module.
(3)
This number represents the current drawn by the digital portion of
the ADC module. Turning off the clock to the ADC module results in
the elimination of the current drawn by the analog portion of the ADC
(IDDA) as well.
NOTE
IDDIO current consumption is reduced by 15 mA (typical) when XCLKOUT is turned off.
NOTE
The baseline IDD current (current when the core is executing a dummy loop with no
peripherals enabled) is 45 mA, typical. To arrive at the IDD current for a given application, the
current-drawn by the peripherals (enabled by that application) must be added to the baseline
IDD current.
Following are other methods to reduce power consumption further:
•
The flash module may be powered down if code is run off SARAM. This results in a current reduction
of 18 mA (typical) in the VDD rail and 13 mA (typical) in the VDDIO rail.
•
Savings in IDDIO may be realized by disabling the pullups on pins that assume an output function.
Copyright © 2008–2010, Texas Instruments Incorporated
Electrical Specifications
83
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com