công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28027DAS bảng dữ liệu(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28027DAS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS bảng dữ liệu(HTML) 75 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 71Page - Texas Instruments TMS320F28027DAS Datasheet HTML 72Page - Texas Instruments TMS320F28027DAS Datasheet HTML 73Page - Texas Instruments TMS320F28027DAS Datasheet HTML 74Page - Texas Instruments TMS320F28027DAS Datasheet HTML 75Page - Texas Instruments TMS320F28027DAS Datasheet HTML 76Page - Texas Instruments TMS320F28027DAS Datasheet HTML 77Page - Texas Instruments TMS320F28027DAS Datasheet HTML 78Page - Texas Instruments TMS320F28027DAS Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
PREFIX
TMS 320
F 28023
PT
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320 MCU Family
TECHNOLOGY
PACKAGE TYPE
F = Flash
DEVICE
TEMPERATURE RANGE
28027
28026
28023
28022
28021
28020
280200
−40°C to 105°C
−40°C to 125°C
−40°C to 125°C
(Q refers to Q100 qualification for automotive applications.)
T
S
Q
=
=
=
S
48-Pin PT Plastic Quad Flatpack
38-Pin DA Plastic Small-outline Package
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, PT) and temperature range (for example, S). Figure 5-1 provides a legend for
reading the complete device name for any family member.
Figure 5-1. Device Nomenclature
Copyright © 2008–2010, Texas Instruments Incorporated
Device Support
75
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com