công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28027DAS bảng dữ liệu(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28027DAS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 83Page - Texas Instruments TMS320F28027DAS Datasheet HTML 84Page - Texas Instruments TMS320F28027DAS Datasheet HTML 85Page - Texas Instruments TMS320F28027DAS Datasheet HTML 86Page - Texas Instruments TMS320F28027DAS Datasheet HTML 87Page - Texas Instruments TMS320F28027DAS Datasheet HTML 88Page - Texas Instruments TMS320F28027DAS Datasheet HTML 89Page - Texas Instruments TMS320F28027DAS Datasheet HTML 90Page - Texas Instruments TMS320F28027DAS Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
6.7.3
Device Clock Table
This section provides the timing requirements and switching characteristics for the various clock options
available on the 2802x MCUs. Table 6-5, Table 6-6, and Table 6-7 list the cycle times of various clocks.
Table 6-5. 2802x Clock Table and Nomenclature (40-MHz Devices)
MIN
NOM
MAX
UNIT
tc(SCO), Cycle time
25
500
ns
SYSCLKOUT
Frequency
2
40
MHz
tc(LCO), Cycle time
25
100(2)
ns
LSPCLK(1)
Frequency
10(2)
40
MHz
tc(ADCCLK), Cycle time
25
ns
ADC clock
Frequency
40
MHz
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 40 MHz.
Table 6-6. 2802x Clock Table and Nomenclature (50-MHz Devices)
MIN
NOM
MAX
UNIT
tc(SCO), Cycle time
20
500
ns
SYSCLKOUT
Frequency
2
50
MHz
tc(LCO), Cycle time
20
80(2)
ns
LSPCLK(1)
Frequency
12.5(2)
50
MHz
tc(ADCCLK), Cycle time
20
ns
ADC clock
Frequency
50
MHz
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 50 MHz.
Table 6-7. 2802x Clock Table and Nomenclature (60-MHz Devices)
MIN
NOM
MAX
UNIT
tc(SCO), Cycle time
16.67
500
ns
SYSCLKOUT
Frequency
2
60
MHz
tc(LCO), Cycle time
16.67
66.67(2)
ns
LSPCLK(1)
Frequency
15(2)
60
MHz
tc(ADCCLK), Cycle time
16.67
ns
ADC clock
Frequency
60
MHz
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 60 MHz.
Copyright © 2008–2010, Texas Instruments Incorporated
Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com