công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 24Page - Texas Instruments TMS320C28343 Datasheet HTML 25Page - Texas Instruments TMS320C28343 Datasheet HTML 26Page - Texas Instruments TMS320C28343 Datasheet HTML 27Page - Texas Instruments TMS320C28343 Datasheet HTML 28Page - Texas Instruments TMS320C28343 Datasheet HTML 29Page - Texas Instruments TMS320C28343 Datasheet HTML 30Page - Texas Instruments TMS320C28343 Datasheet HTML 31Page - Texas Instruments TMS320C28343 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516B – MARCH 2009 – REVISED JULY 2010
www.ti.com
Table 2-2. Signal Descriptions (continued)
ZHH
ZFE
NAME
DESCRIPTION
BALL #
BALL #
GPIO37
General-Purpose Input/Output 37 (I/O/Z)
ECAP2
D11
B12
Enhanced Capture input/output 2 (I/O)
XZCS7
External Interface zone 7 chip select (O)
GPIO38
General-Purpose Input/Output 38 (I/O/Z)
-
C12
E15
-
XWE0
External Interface Write Enable 0 (O)
GPIO39
General-Purpose Input/Output 39 (I/O/Z)
-
A2
B4
-
XA16
External Interface Address Line 16 (O)
GPIO40
General-Purpose Input/Output 40 (I/O/Z)
-
E10
C12
-
XA0
External Interface Address Line 0
GPIO41
General-Purpose Input/Output 41 (I/O/Z)
-
D10
B11
-
XA1
External Interface Address Line 1 (O)
GPIO42
General-Purpose Input/Output 42 (I/O/Z)
-
B10
C11
-
XA2
External Interface Address Line 2 (O)
GPIO43
General-Purpose Input/Output 43 (I/O/Z)
-
A10
B10
-
XA3
External Interface Address Line 3 (O)
GPIO44
General-Purpose Input/Output 44 (I/O/Z)
-
A9
C10
-
XA4
External Interface Address Line 4 (O)
GPIO45
General-Purpose Input/Output 45 (I/O/Z)
-
B9
C9
-
XA5
External Interface Address Line 5 (O)
GPIO46
General-Purpose Input/Output 46 (I/O/Z)
-
E7
B8
-
XA6
External Interface Address Line 6 (O)
GPIO47
General-Purpose Input/Output 47 (I/O/Z)
-
D6
C8
-
XA7
External Interface Address Line 7 (O)
GPIO48
General-Purpose Input/Output 48 (I/O/Z)
ECAP5
Enhanced Capture input/output 5 (I/O)
M10
R11
XD31
External Interface Data Line 31 (O)
SPISIMOD
SPI-D slave in, master out (I/O)
GPIO49
General-Purpose Input/Output 49 (I/O/Z)
ECAP6
Enhanced Capture input/output 6 (I/O)
P10
P11
XD30
External Interface Data Line 30 (O)
SPISOMID
SPI-D slave out, master in (I/O)
GPIO50
General-Purpose Input/Output 50 (I/O/Z)
EQEP1A
Enhanced QEP 1input A (I)
N10
T12
XD29
External Interface Data Line 29 (O)
SPICLKD
SPI-D Clock input/output (I/O)
GPIO51
General-Purpose Input/Output 51 (I/O/Z)
EQEP1B
Enhanced QEP 1input B (I)
N11
R12
XD28
External Interface Data Line 28 (O)
SPISTED
SPI-D slave transmit enable input/output (I/O)
GPIO52
General-Purpose Input/Output 52 (I/O/Z)
EQEP1S
M11
P12
Enhanced QEP 1Strobe (I/O)
XD27
External Interface Data Line 27 (O)
GPIO53
General-Purpose Input/Output 53 (I/O/Z)
EQEP1I
L11
T13
Enhanced QEP1 lndex (I/O)
XD26
External Interface Data Line 26 (O)
GPIO54
General-Purpose Input/Output 54 (I/O/Z)
SPISIMOA
SPI-A slave in, master out (I/O)
P12
R13
XD25
External Interface Data Line 25 (O)
EQEP3A
Enhanced QEP3 input A (I)
28
Introduction
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com