công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 23Page - Texas Instruments TMS320C28343 Datasheet HTML 24Page - Texas Instruments TMS320C28343 Datasheet HTML 25Page - Texas Instruments TMS320C28343 Datasheet HTML 26Page - Texas Instruments TMS320C28343 Datasheet HTML 27Page - Texas Instruments TMS320C28343 Datasheet HTML 28Page - Texas Instruments TMS320C28343 Datasheet HTML 29Page - Texas Instruments TMS320C28343 Datasheet HTML 30Page - Texas Instruments TMS320C28343 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
Table 2-2. Signal Descriptions (continued)
ZHH
ZFE
NAME
DESCRIPTION
BALL #
BALL #
GPIO20
General purpose input/output 20 (I/O/Z)
EQEP1A
Enhanced QEP1 input A (I)
L4
R4
MDXA
McBSP-A transmit serial data (O)
CANTXB
Enhanced CAN-B transmit (O)
GPIO21
General purpose input/output 21 (I/O/Z)
EQEP1B
Enhanced QEP1 input B (I)
M4
T5
MDRA
McBSP-A receive serial data (I)
CANRXB
Enhanced CAN-B receive (I)
GPIO22
General purpose input/output 22 (I/O/Z)
EQEP1S
Enhanced QEP1 strobe (I/O)
N4
R5
MCLKXA
McBSP-A transmit clock (I/O)
SCITXDB
SCI-B transmit (O)
GPIO23
General purpose input/output 23 (I/O/Z)
EQEP1I
Enhanced QEP1 index (I/O)
P4
P5
MFSXA
McBSP-A transmit frame synch (I/O)
SCIRXDB
SCI-B receive (I)
GPIO24
General purpose input/output 24 (I/O/Z)
ECAP1
Enhanced capture 1 (I/O)
P5
T6
EQEP2A
Enhanced QEP2 input A (I)
MDXB
McBSP-B transmit serial data (O)
GPIO25
General purpose input/output 25 (I/O/Z)
ECAP2
Enhanced capture 2 (I/O)
M5
R6
EQEP2B
Enhanced QEP2 input B (I)
MDRB
McBSP-B receive serial data (I)
GPIO26
General purpose input/output 26 (I/O/Z)
ECAP3
Enhanced capture 3 (I/O)
K6
P6
EQEP2I
Enhanced QEP2 index (I/O)
MCLKXB
McBSP-B transmit clock (I/O)
GPIO27
General purpose input/output 27 (I/O/Z)
ECAP4
Enhanced capture 4 (I/O)
M6
T7
EQEP2S
Enhanced QEP2 strobe (I/O)
MFSXB
McBSP-B transmit frame synch (I/O)
GPIO28
General purpose input/output 28 (I/O/Z)
SCIRXDA
A12
B13
SCI receive data (I)
XZCS6
External Interface zone 6 chip select (O)
GPIO29
General purpose input/output 29. (I/O/Z)
SCITXDA
C3
D1
SCI transmit data (O)
XA19
External Interface Address Line 19 (O)
GPIO30
General purpose input/output 30 (I/O/Z)
CANRXA
C2
C2
Enhanced CAN-A receive (I)
XA18
External Interface Address Line 18 (O)
GPIO31
General purpose input/output 31 (I/O/Z)
CANTXA
B2
B3
Enhanced CAN-A transmit (O)
XA17
External Interface Address Line 17 (O)
GPIO32
General purpose input/output 32 (I/O/Z)
SDAA
I2C data open-drain bidirectional port (I/OD)
P6
R7
EPWMSYNCI
Enhanced PWM external sync pulse input (I)
ADCSOCAO
ADC start-of-conversion A (O)
GPIO33
General-Purpose Input/Output 33 (I/O/Z)
SCLA
I2C clock open-drain bidirectional port (I/OD)
N6
P7
EPWMSYNCO
Enhanced PWM external synch pulse output (O)
ADCSOCBO
ADC start-of-conversion B (O)
GPIO34
General-Purpose Input/Output 34 (I/O/Z)
ECAP1
A13
B14
Enhanced Capture input/output 1 (I/O)
XREADY
External Interface Ready signal
GPIO35
General-Purpose Input/Output 35 (I/O/Z)
SCITXDA
B13
C15
SCI-A transmit data (O)
XR/W
External Interface read, not write strobe
GPIO36
General-Purpose Input/Output 36 (I/O/Z)
SCIRXDA
B12
A13
SCI-A receive data (I)
XZCS0
External Interface zone 0 chip select (O)
Copyright © 2009–2010, Texas Instruments Incorporated
Introduction
27
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com