công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 81Page - Texas Instruments TMS320C28343 Datasheet HTML 82Page - Texas Instruments TMS320C28343 Datasheet HTML 83Page - Texas Instruments TMS320C28343 Datasheet HTML 84Page - Texas Instruments TMS320C28343 Datasheet HTML 85Page - Texas Instruments TMS320C28343 Datasheet HTML 86Page - Texas Instruments TMS320C28343 Datasheet HTML 87Page - Texas Instruments TMS320C28343 Datasheet HTML 88Page - Texas Instruments TMS320C28343 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 170 page
background image
8
*
1)
(BRR
LSPCLK
rate
Baud
+
=
0
BRR
when
¹
16
LSPCLK
rate
Baud
=
0
BRR
when
=
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
4.10 Serial Communications Interface (SCI) Modules (SCI-A, SCI-B, SCI-C)
The devices include three serial communications interface (SCI) modules. The SCI modules support
digital communications between the CPU and other asynchronous peripherals that use the standard
non-return-to-zero (NRZ) format. The SCI receiver and transmitter are double-buffered, and each has its
own separate enable and interrupt bits. Both can be operated independently or simultaneously in the
full-duplex mode. To ensure data integrity, the SCI checks received data for break detection, parity,
overrun, and framing errors. The bit rate is programmable to over 65000 different speeds through a 16-bit
baud-select register.
Features of each SCI module include:
•
Two external pins:
–
SCITXD: SCI transmit-output pin
–
SCIRXD: SCI receive-input pin
NOTE: Both pins can be used as GPIO if not used for SCI.
–
Baud rate programmable to 64K different rates:
NOTE
See Section 6 for maximum I/O pin toggling speed.
•
Data-word format
–
One start bit
–
Data-word length programmable from one to eight bits
–
Optional even/odd/no parity bit
–
One or two stop bits
•
Four error-detection flags: parity, overrun, framing, and break detection
•
Two wake-up multiprocessor modes: idle-line and address bit
•
Half- or full-duplex operation
•
Double-buffered receive and transmit functions
•
Transmitter and receiver operations can be accomplished through interrupt-driven or polled algorithms
with status flags.
–
Transmitter: TXRDY flag (transmitter-buffer register is ready to receive another character) and TX
EMPTY flag (transmitter-shift register is empty)
–
Receiver: RXRDY flag (receiver-buffer register is ready to receive another character), BRKDT flag
(break condition occurred), and RX ERROR flag (monitoring four interrupt conditions)
•
Separate enable bits for transmitter and receiver interrupts (except BRKDT)
•
NRZ (non-return-to-zero) format
NOTE
All registers in this module are 8-bit registers that are connected to Peripheral Frame 2.
When a register is accessed, the register data is in the lower byte (7-0), and the upper byte
(15-8) is read as zeros. Writing to the upper byte has no effect.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripherals
85
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com