| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
900844 bảng dữ liệu(PDF) 106 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
900844 bảng dữ liệu(HTML) 106 Page - Freescale Semiconductor, Inc |
|
106 / 118 page ![]() Analog Integrated Circuit Device Data 106 Freescale Semiconductor 900844 FUNCTIONAL DEVICE OPERATION SPI REGISTER MAP ADC 0xA4 ADCADDR0 R/W XMYP0 YPYM0 XPXM0 ADSEL0[4:0] 0x00 ADC selector address ADC 0xA5 ADCADDR1 R/W XMYP1 YPYM1 XPXM1 ADSEL1[4:0] 0x00 ADC selector address ADC 0xA6 ADCADDR2 R/W XMYP2 YPYM2 XPXM2 ADSEL2[4:0] 0x00 ADC selector address ADC 0xA7 ADCADDR3 R/W XMYP3 YPYM3 XPXM3 ADSEL3[4:0] 0x00 ADC selector address ADC 0xA8 ADCADDR4 R/W XMYP4 YPYM4 XPXM4 ADSEL4[4:0] 0x00 ADC selector address ADC 0xA9 ADCADDR5 R/W XMYP5 YPYM5 XPXM5 ADSEL5[4:0] 0x00 ADC selector address ADC 0xAA ADCADDR6 R/W XMYP6 YPYM6 XPXM6 ADSEL6[4:0] 0x00 ADC selector address ADC 0xAB ADCADDR7 R/W XMYP7 YPYM7 XPXM7 ADSEL7[4:0] 0x00 ADC selector address ADC 0xAC ADCADDR8 R/W XMYP8 YPYM8 XPXM8 ADSEL8[4:0] 0x00 ADC selector address ADC 0xAD ADCADDR9 R/W XMYP9 YPYM9 XPXM9 ADSEL9[4:0] 0x00 ADC selector address ADC 0xAE ADCADDR10 R/W XMYP10 YPYM10 XPXM10 ADSEL10[4:0] 0x00 ADC selector address ADC 0xAF ADCADDR11 R/W XMYP11 YPYM11 XPXM11 ADSEL11[4:0] 0x00 ADC selector address ADC 0xB0 ADCADDR12 R/W XMYP12 YPYM12 XPXM12 ADSEL12[4:0] 0x00 ADC selector address ADC 0xB1 ADCADDR13 R/W XMYP13 YPYM13 XPXM13 ADSEL13[4:0] 0x00 ADC selector address ADC 0xB2 ADCADDR14 R/W XMYP14 YPYM14 XPXM14 ADSEL14[4:0] 0x00 ADC selector address ADC 0xB3 ADCADDR15 R/W XMYP15 YPYM15 XPXM15 ADSEL15[4:0] 0x00 ADC selector address ADC 0xB4 ADCADDR16 R/W XMYP16 YPYM16 XPXM16 ADSEL16[4:0] 0x00 ADC selector address ADC 0xB5 ADCADDR17 R/W XMYP17 YPYM17 XPXM17 ADSEL17[4:0] 0x00 ADC selector address ADC 0xB6 ADCADDR18 R/W XMYP18 YPYM18 XPXM18 ADSEL18[4:0] 0x00 ADC selector address ADC 0xB7 ADCADDR19 R/W XMYP19 YPYM19 XPXM19 ADSEL19[4:0] 0x00 ADC selector address ADC 0xB8 ADCADDR20 R/W XMYP20 YPYM20 XPXM20 ADSEL20[4:0] 0x00 ADC selector address ADC 0xB9 ADCADDR21 R/W XMYP21 YPYM21 XPXM21 ADSEL21[4:0] 0x00 ADC selector address ADC 0xBA ADCADDR22 R/W XMYP22 YPYM22 XPXM22 ADSEL22[4:0] 0x00 ADC selector address ADC 0xBB ADCADDR23 R/W XMYP23 YPYM23 XPXM23 ADSEL23[4:0] 0x00 ADC selector address ADC 0xBC ADCADDR24 R/W XMYP24 YPYM24 XPXM24 ADSEL24[4:0] 0x00 ADC selector address ADC 0xBD ADCADDR25 R/W XMYP25 YPYM25 XPXM25 ADSEL25[4:0] 0x00 ADC selector address ADC 0xBE ADCADDR26 R/W XMYP26 YPYM26 XPXM26 ADSEL26[4:0] 0x00 ADC selector address ADC 0xBF ADCADDR27 R/W XMYP27 YPYM27 XPXM27 ADSEL27[4:0] 0x00 ADC selector address ADC 0xC0 ADCADDR28 R/W XMYP28 YPYM28 XPXM28 ADSEL28[4:0] 0x00 ADC selector address ADC 0xC1 ADCADDR29 R/W XMYP29 YPYM29 XPXM29 ADSEL29[4:0] 0x00 ADC selector address Table 74. SPI Register Map Block Address Register Name R/W D7 D6 D5 D4 D3 D2 D1 D0 Initial Function |