công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX28AEC bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc

tên linh kiện IMX28AEC
Giải thích chi tiết về linh kiện  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
19
•
Core via I.D: 0.068 mm, Core via plating 0.016 mm
•
Flag: trace style with ground balls under the die connected to the flag
•
Die Attach: 0.033 mm non-conductive die attach, k = 0.3 W/m K
•
Mold Compound: generic mold compound, k = 0.9 W/m K
3.3
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
•
DDR I/O: Mobile DDR (LPDDR1), standard 1.8 V DDR2, and low-voltage 1.5 V DDR2
(LVDDR2)
•
General purpose I/O (GPIO)
3.3.1
DDR I/O DC Parameters
Table 23 shows the EMI digital pin DC characteristics.
NOTE
The current values and the I-V curves of the I/O DC characteristics are
estimated based on an overly conservative device model. They are updated
upon the measurement results of the first silicon.
Table 22. Thermal Resistance Data
Rating
Value
Unit
Junction to ambient1 natural convection
1 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-2 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
Single layer board
(1s)
RθJA
62
°C/W
Junction to ambient1 natural convection
Four layer board (2s2p)
RθJA
36
°C/W
Junction to ambient1 (@200 ft/min)
Single layer board
(1s)
RθJMA
53
°C/W
Junction to ambient1 (@200 ft/min)
Four layer board
(2s2p)
RθJMA
33
°C/W
Junction to boards2
2 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification
for the specified package.
RθJB
24
°C/W
Junction to case (top)3
3 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is
used for the case temperature. Reported value includes the thermal resistance of the interface layer.
RθJCtop
15
°C/W
Junction to package top4
4 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
Natural Convection
Ψ
JT
3°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com