công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX28AEC bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện IMX28AEC
Giải thích chi tiết về linh kiện  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
11
3
Electrical Characteristics
This section provides the device-level and module-level electrical characteristics for the i.MX28.
3.1
i.MX28
Device-Level Conditions
This section provides the device-level electrical characteristics for the IC.
3.1.1
DC Absolute Maximum Ratings
Table 7 provides the DC absolute maximum operating conditions.
CAUTION
•
Stresses beyond those listed under Table 7 may cause permanent
damage to the device.
•
Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
•
Table 6 gives stress ratings only—functional operation of the device is
not implied beyond the conditions indicated in Table 8.
Table 6. DC Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Battery Pin
BATT, VDD4P2V
–0.3
4.242
V
5-Volt Source Pin - transient, t<30ms, duty cycle <0.05%
VDD5V
–0.3
7.00
V
5 Volt Source Pin - static
VDD5V
–0.3
6.00
V
PSWITCH1
1 VDDIO can be applied to PSWITCH through a 10 k
Ω resistor. This is necessary in order to enter the chip’s firmware recovery
mode. (The on-chip circuitry prevents the actual voltage on the pin from exceeding acceptable levels.)
—–0.3
BATT/2
V
Analog Supply Voltage
VDDA
–0.3
2.10
V
Digital Core Supply Voltage
VDDD
–0.3
1.575
V
Non-EMI Digital I/O Supply
VDDIO
–0.3
3.63
V
EMI Digital I/O Supply
VDDIO.EMI
–0.3
3.63
V
DC-DC Converter2
2 Application should include a Schottky diode between BATT and VDD4P2.
DCDC_BATT
–0.3
BATT
V
Input Voltage on Any Digital I/O Pin Relative to Ground
—
–0.3
VDDIO+0.3
V
Input Voltage on USB_DP and USB_DN Pins Relative to Ground3
3 USB_DN and USB_DP can tolerate 5V for up to 24 hours. Note that while 5V is applied to USB_DN or USB_DP, LRADC
readings can be corrupted.
—–0.3
3.63
V
Analog I/O absolute maximum ratings (exceptions: XTALI, XTALO,
RTC_XTALI, RTC_XTALO)
—
–0.3
VDDIO+0.3
V
Storage Temperature
—
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com