| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68331MFC16 bảng dữ liệu(PDF) 8 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68331MFC16 bảng dữ liệu(HTML) 8 Page - Motorola, Inc |
|
8 / 84 page ![]() 8 MC68331TS/D 1.4 Address Map The following figure is a map of the MCU internal addresses. Unimplemented blocks are mapped ex- ternally. Figure 4 MCU Address Map 1.5 Intermodule Bus The intermodule bus (IMB) is a standardized bus developed to facilitate both design and operation of modular microcontrollers. It contains circuitry to support exception processing, address space partition- ing, multiple interrupt levels, and vectored interrupts. The standardized modules in the MCU communi- cate with one another and with external components through the IMB. The IMB in the MCU uses 24 address and 16 data lines. $YFFDFF $YFFA7F $YFF93F $YFF900 $YFF000 331 ADDRESS MAP $YFFA00 $YFFC00 $YFFA80 RESERVED SIM GPT QSM $YFFAFF $YFFFFF Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |