công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331MFC16 bảng dữ liệu(PDF) 65 Page - Motorola, Inc

tên linh kiện MC68331MFC16
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC16 bảng dữ liệu(HTML) 65 Page - Motorola, Inc

Back Button MC68331MFC16 Datasheet HTML 61Page - Motorola, Inc MC68331MFC16 Datasheet HTML 62Page - Motorola, Inc MC68331MFC16 Datasheet HTML 63Page - Motorola, Inc MC68331MFC16 Datasheet HTML 64Page - Motorola, Inc MC68331MFC16 Datasheet HTML 65Page - Motorola, Inc MC68331MFC16 Datasheet HTML 66Page - Motorola, Inc MC68331MFC16 Datasheet HTML 67Page - Motorola, Inc MC68331MFC16 Datasheet HTML 68Page - Motorola, Inc MC68331MFC16 Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
MC68331TS/D
65
5.5.1 SCI Pins
There are two unidirectional pins associated with the SCI. The SCI controls the transmit data (TXD) pin
when enabled, whereas the receive data (RXD) pin remains a dedicated input pin to the SCI. TXD is
available as a general-purpose I/O pin when the SCI transmitter is disabled. When used for I/O, TXD
can be configured either as input or output, as determined by QSM register DDRQS.
The following table shows SCI pins and their functions.
5.5.2 SCI Registers
The SCI programming model includes QSM global and pin control registers, and four SCI registers.
There are two SCI control registers, one status register, and one data register. All registers can be read
or written at any time by the CPU.
Changing the value of SCI control bits during a transfer operation may disrupt operation. Before chang-
ing register values, allow the transmitter to complete the current transfer, then disable the receiver and
transmitter. Status flags in the SCSR may be cleared at any time.
SCCR0 contains a baud rate selection parameter. Baud rate must be set before the SCI is enabled. The
CPU can read and write this register at any time.
Bits [15:13] — Not Implemented
SCBR — Baud Rate
SCI baud rate is programmed by writing a 13-bit value to BR. The baud rate is derived from the MCU
system clock by a modulus counter.
The SCI receiver operates asynchronously. An internal clock is necessary to synchronize with an in-
coming data stream. The SCI baud rate generator produces a receiver sampling clock with a frequency
16 times that of the expected baud rate of the incoming data. The SCI determines the position of bit
boundaries from transitions within the received waveform, and adjusts sampling points to the proper po-
sitions within the bit period. Receiver sampling rate is always 16 times the frequency of the SCI baud
rate, which is calculated as follows:
SCI Baud Rate = System Clock/(32SCBR)
or
SCBR = System Clock(32SCK)(Baud Rate Desired)
where SCBR is in the range {1, 2, 3, ..., 8191}
Writing a value of zero to SCBR disables the baud rate generator.
The following table lists the SCBR settings for standard and maximum baud rates using 16.78-MHz and
20.97-MHz system clocks.
Pin Names
Mnemonics
Mode
Function
Receive Data
RXD
Receiver Disabled
Receiver Enabled
Not Used
Serial Data Input to SCI
Transmit Data
TXD
Transmitter Disabled
Transmitter Enabled
General-Purpose I/O
Serial Data Output from SCI
SCCR0 — SCI Control Register 0
$YFFC08
15
14
13
12
0
0
0
0
SCBR
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com