công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331MFC16 bảng dữ liệu(PDF) 60 Page - Motorola, Inc

tên linh kiện MC68331MFC16
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC16 bảng dữ liệu(HTML) 60 Page - Motorola, Inc

Back Button MC68331MFC16 Datasheet HTML 56Page - Motorola, Inc MC68331MFC16 Datasheet HTML 57Page - Motorola, Inc MC68331MFC16 Datasheet HTML 58Page - Motorola, Inc MC68331MFC16 Datasheet HTML 59Page - Motorola, Inc MC68331MFC16 Datasheet HTML 60Page - Motorola, Inc MC68331MFC16 Datasheet HTML 61Page - Motorola, Inc MC68331MFC16 Datasheet HTML 62Page - Motorola, Inc MC68331MFC16 Datasheet HTML 63Page - Motorola, Inc MC68331MFC16 Datasheet HTML 64Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
60
MC68331TS/D
SPBR — Serial Clock Baud Rate
The QSPI uses a modulus counter to derive SCK baud rate from the MCU system clock. Baud rate is
selected by writing a value from 2 to 255 into the SPBR field. The following equation determines the
SCK baud rate:
SCK Baud Rate = System Clock/(2SPBR)
or
SPBR = System Clock/(2SCK)(Baud Rate Desired)
where SPBR equals {2, 3, 4,..., 255}
Giving SPBR a value of zero or one disables the baud rate generator. SCK is disabled and assumes its
inactive state value. No serial transfers occur. At reset, baud rate is initialized to one eighth of the sys-
tem clock frequency.
SPCR1 contains parameters for configuring the QSPI before it is enabled. The CPU can read and write
this register, but the QSM has read access only, except for SPE, which is automatically cleared by the
QSPI after completing all serial transfers, or when a mode fault occurs.
SPE — QSPI Enable
0 = QSPI is disabled. QSPI pins can be used for general-purpose I/O.
1 = QSPI is enabled. Pins allocated by PQSPAR are controlled by the QSPI.
DSCKL — Delay before SCK
When the DSCK bit in command RAM is set, this field determines the length of delay from PCS valid to
SCK transition. PCS can be any of the four peripheral chip-select pins. The following equation deter-
mines the actual delay before SCK:
PCS to SCK Delay = [DSCKL/System Clock]
where DSCKL equals {1, 2, 3,..., 127}.
When the DSCK value of a queue entry equals zero, then DSCKL is not used. Instead, the PCS valid-
to-SCK transition is one-half SCK period.
DTL — Length of Delay after Transfer
When the DT bit in command RAM is set, this field determines the length of delay after serial transfer.
The following equation is used to calculate the delay:
Delay after Transfer = [(32DTL)/System Clock]
where DTL equals {1, 2, 3,..., 255}.
A zero value for DTL causes a delay-after-transfer value of 8192/System Clock.
If DT equals zero, a standard delay is inserted.
Standard Delay after Transfer = [17/System Clock]
Delay after transfer can be used to provide a peripheral deselect interval. A delay can also be inserted
between consecutive transfers to allow serial A/D converters to complete conversion.
SPCR1 — QSPI Control Register 1
$YFFC1A
15
14
8
7
0
SPE
DSCKL
DTL
RESET:
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com