công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331MFC16 bảng dữ liệu(PDF) 67 Page - Motorola, Inc

tên linh kiện MC68331MFC16
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC16 bảng dữ liệu(HTML) 67 Page - Motorola, Inc

Back Button MC68331MFC16 Datasheet HTML 63Page - Motorola, Inc MC68331MFC16 Datasheet HTML 64Page - Motorola, Inc MC68331MFC16 Datasheet HTML 65Page - Motorola, Inc MC68331MFC16 Datasheet HTML 66Page - Motorola, Inc MC68331MFC16 Datasheet HTML 67Page - Motorola, Inc MC68331MFC16 Datasheet HTML 68Page - Motorola, Inc MC68331MFC16 Datasheet HTML 69Page - Motorola, Inc MC68331MFC16 Datasheet HTML 70Page - Motorola, Inc MC68331MFC16 Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
MC68331TS/D
67
PT — Parity Type
0 = Even parity
1 = Odd parity
When parity is enabled, PT determines whether parity is even or odd for both the receiver and the trans-
mitter.
PE — Parity Enable
0 = SCI parity disabled
1 = SCI parity enabled
PE determines whether parity is enabled or disabled for both the receiver and the transmitter. If the re-
ceived parity bit is not correct, the SCI sets the PF error flag in SCSR.
When PE is set, the most significant bit (MSB) of the data field is used for the parity function, which re-
sults in either seven or eight bits of user data, depending on the condition of M bit. The following table
lists the available choices.
M — Mode Select
0 = SCI frame: 1 start bit, 8 data bits, 1 stop bit (10 bits total)
1 = SCI frame: 1 start bit, 9 data bits, 1 stop bit (11 bits total)
WAKE — Wakeup by Address Mark
0 = SCI receiver awakened by idle-line detection
1 = SCI receiver awakened by address mark (last bit set)
TIE — Transmit Interrupt Enable
0 = SCI TDRE interrupts inhibited
1 = SCI TDRE interrupts enabled
TCIE — Transmit Complete Interrupt Enable
0 = SCI TC interrupts inhibited
1 = SCI TC interrupts enabled
RIE — Receiver Interrupt Enable
0 = SCI RDRF interrupt inhibited
1 = SCI RDRF interrupt enabled
ILIE — Idle-Line Interrupt Enable
0 = SCI IDLE interrupts inhibited
1 = SCI IDLE interrupts enabled
TE — Transmitter Enable
0 = SCI transmitter disabled (TXD pin may be used as I/O)
1 = SCI transmitter enabled (TXD pin dedicated to SCI transmitter)
The transmitter retains control of the TXD pin until completion of any character transfer in progress
when TE is cleared.
RE — Receiver Enable
0 = SCI receiver disabled (status bits inhibited)
1 = SCI receiver enabled
M
PE
Result
0
0
8 Data Bits
0
1
7 Data Bits, 1 Parity Bit
1
0
9 Data Bits
1
1
8 Data Bits, 1 Parity Bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com