công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331MFC16 bảng dữ liệu(PDF) 29 Page - Motorola, Inc

tên linh kiện MC68331MFC16
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC16 bảng dữ liệu(HTML) 29 Page - Motorola, Inc

Back Button MC68331MFC16 Datasheet HTML 25Page - Motorola, Inc MC68331MFC16 Datasheet HTML 26Page - Motorola, Inc MC68331MFC16 Datasheet HTML 27Page - Motorola, Inc MC68331MFC16 Datasheet HTML 28Page - Motorola, Inc MC68331MFC16 Datasheet HTML 29Page - Motorola, Inc MC68331MFC16 Datasheet HTML 30Page - Motorola, Inc MC68331MFC16 Datasheet HTML 31Page - Motorola, Inc MC68331MFC16 Datasheet HTML 32Page - Motorola, Inc MC68331MFC16 Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
MC68331TS/D
29
Figure 9 Chip-Select Circuit Block Diagram
The following table lists allocation of chip-selects and discrete outputs on the pins of the MCU.
3.5.1 Chip-Select Registers
Pin assignment registers CSPAR0 and CSPAR1 determine functions of chip-select pins. These regis-
ters also determine port size (8- or 16-bit) for dynamic bus allocation.
A pin data register (PORTC) latches discrete output data.
Blocks of addresses are assigned to each chip-select function. Block sizes of 2 Kbytes to 1 Mbyte can
be selected by writing values to the appropriate base address register (CSBAR). Address blocks for
separate chip-select functions can overlap.
Chip-select option registers (CSORBT and CSOR[10:0]) determine timing of and conditions for asser-
tion of chip-select signals. Eight parameters, including operating mode, access size, synchronization,
and wait state insertion can be specified.
Initialization code often resides in a peripheral memory device controlled by the chip-select circuits. A
set of special chip-select functions and registers (CSORBT, CSBARBT) is provided to support bootstrap
operation.
Pin
Chip Select
Discrete Outputs
CSBOOT
CSBOOT
—
BR
CS0
—
BG
CS1
—
BGACK
CS2
—
FC0
CS3
PC0
FC1
CS4
PC1
FC2
CS5
PC2
ADDR19
CS6
PC3
ADDR20
CS7
PC4
ADDR21
CS8
PC5
ADDR22
CS9
PC6
ADDR23
CS10
ECLK
CHIP SEL BLOCK
AVEC
GENERATOR
DSACK
GENERATOR
PIN
ASSIGNMENT
REGISTER
PIN
DATA
REGISTER
BASE ADDRESS REGISTER
TIMING
AND
CONTROL
ADDRESS COMPARATOR
OPTION COMPARE
OPTION REGISTER
AVEC
DSACK
PIN
BUS CONTROL
INTERNAL
SIGNALS
ADDRESS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com