| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7549 bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7549 bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp |
|
33 / 86 page ![]() Rev.2.02 Mar 31, 2009 Page 31 of 81 REJ03B0202-0202 7549 Group Fig 33. Structure of compare output mode register Fig 34. Structure of capture/compare status register Fig 35. Structure of compare interrupt source register b7 b0 Compare output mode register (CMOM: address 001316, initial value: 0016) Compare 0 output level latch 0: Positive 1: Negative Compare 1 output level latch 0: Positive 1: Negative Compare 2 output level latch 0: Positive 1: Negative Compare 0 trigger enable bit 0: Disabled 1: Enabled Compare 1 trigger enable bit 0: Disabled 1: Enabled Compare 2 trigger enable bit 0: Disabled 1: Enabled Not used (returns “0” when read) b7 b0 Capture/Compare status register (CCSR: address 002F16, initial value: 0016) Compare 0 output status bit 0: “L” level output 1: “H” level output Compare 1 output status bit 0: “L” level output 1: “H” level output Compare 2 output status bit 0: “L” level output 1: “H” level output Capture 0 status bit 0: latch 00 captured 1: latch 01 captured Not used (returns “0” when read) b7 b0 Compare interrupt source register (CISR: address 003016, initial value: 0016) Compare latch 00 interrupt source bit Compare latch 01 interrupt source bit Compare latch 10 interrupt source bit Compare latch 11 interrupt source bit Compare latch 20 interrupt source bit Compare latch 21 interrupt source bit Not used (returns “0” when read) 0: Disabled 1: Enabled |