| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7549 bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7549 bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp |
|
34 / 86 page ![]() Rev.2.02 Mar 31, 2009 Page 32 of 81 REJ03B0202-0202 7549 Group Fig 36. Block diagram of compare output circuit Fig 37. Block diagram of compare channel 0 Timer A latch Timer A counter Compare channel 0 Compare latch 00 Compare latch 01 Output waveform latch 0 P10/CMP0 Compare channel 1 Compare channel 2 P11/CMP1 P12/CMP2 Data bus Compare buffer 00 (16) Compare latch 00 (16) Compare buffer 01 (16) Compare latch 01 (16) Compare register Capture/Compare register RW pointer (001216, bits 0 to 2) Compare latch 00, 01 reload bit (002D16, bit 0) Timer A counter (16) Output waveform latch 0 Compare 0 trigger enable bit (001316, bit 3) Compare 0 output level latch (001316, bit 0) Compare 0 output status bit (002F16, bit 0) P10/CMP0 Compare latch 00 interrupt source bit (003016, bit 0) Compare latch 01 interrupt source bit (003016, bit 1) Compare interrupt Compare 0 output port selection bit (002E16, bit 1) I/O port |