công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7549 bảng dữ liệu(PDF) 62 Page - Renesas Technology Corp

tên linh kiện 7549
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 bảng dữ liệu(HTML) 62 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 58Page - Renesas Technology Corp 7549 Datasheet HTML 59Page - Renesas Technology Corp 7549 Datasheet HTML 60Page - Renesas Technology Corp 7549 Datasheet HTML 61Page - Renesas Technology Corp 7549 Datasheet HTML 62Page - Renesas Technology Corp 7549 Datasheet HTML 63Page - Renesas Technology Corp 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 60 of 81
REJ03B0202-0202
7549 Group
5. Setup for I/O ports
Setup I/O ports using hardware and software as follows:
<Hardware>
• Connect a resistor of 100
Ω or more to an I/O port in series.
<Software>
• As for an input port, read data several times by a program
for checking whether input levels are equal or not.
• As for an output port, since the output data may reverse
because of noise, rewrite data to its port latch at fixed
periods.
• Rewrite data to direction registers and pull-up control
registers at fixed periods.
Fig 79. Setup for I/O ports
6. Providing of watchdog timer function by software
If a microcomputer runs away because of noise or others, it can
be detected by a software watchdog timer and the microcomputer
can be reset to normal operation. This is equal to or more
effective than program runaway detection by a hardware
watchdog timer. The following shows an example of a watchdog
timer provided by software.
In the following example, to reset a microcomputer to normal op-
eration, the main routine detects errors of the interrupt processing
routine and the interrupt processing routine detects errors of the
main routine.
This example assumes that interrupt processing is repeated mul-
tiple times in a single main routine processing.
<The main routine>
• Assigns a single byte of RAM to a software watchdog
timer (SWDT) and writes the initial value N in the SWDT
once at each execution of the main routine. The initial
value N should satisfy the following condition:
N + 1
≥ (Counts of interrupt processing executed in each
main routine)
As the main routine execution cycle may change because
of an interrupt processing or others, the initial value N
should have a margin.
• Watches the operation of the interrupt processing routine
by comparing the SWDT contents with counts of interrupt
processing after the initial value N has been set.
• Detects that the interrupt processing routine has failed and
determines to branch to the program initialization routine
for recovery processing in the following case:
If the SWDT contents do not change after interrupt
processing.
<The interrupt processing routine>
• Decrements the SWDT contents by 1 at each interrupt
processing.
• Determines that the main routine operates normally when
the SWDT contents are reset to the initial value N at almost
fixed cycles (at the fixed interrupt processing count).
• Detects that the main routine has failed and determines to
branch to the program initialization routine for recovery
processing in the following case:
If the SWDT contents are not initialized to the initial value
N but continued to decrement and if they reach 0 or less.
Fig 80. Watchdog timer by software
N.G.
O.K.
Noise
Noise
Data bus
Direction register
Port latch
I/O port
pins
≠N
N
>0
≤0
Main routine
(SWDT)
← N
CLI
Main processing
(SWDT)
=N?
Interrupt processing
routine errors
Interrupt processing routine
(SWDT)
← (SWDT)−1
Interrupt processing
(SWDT)
≤0?
RTI
Return
Main routine
errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com