| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9803 bảng dữ liệu(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9803 bảng dữ liệu(HTML) 97 Page - STMicroelectronics |
|
97 / 126 page ![]() L9803 On-Chip Peripherals 97/126 Table 14. Functional Description Table Drive EN PWM_EN DIR PWM1 IN1 IN2 UL DL UR DR Operation Configuration 0 X X X X X 00 00 INHIBIT 1 0 X X 0 0 0 1 0 1 BRAKE Full or Two Half Bridges 1 0 X X 0 1 01 10 BACK Full or Two Half Bridges 1 0 X X 1 0 10 01 FORWARD Full or Two Half Bridges 1 0 X X 1 1 1 0 1 0 BRAKE Full or Two Half Bridges 1 1 0 0 0 0 1 0 1 0 BRAKE Full Bridge 1 1 0 1 0 0 1 0 0 1 FORWARD Full Bridge 1 1 1 0 0 0 1 0 1 0 BRAKE Full Bridge 1 1 1 1 0 0 0 1 1 0 BACK Full Bridge |