| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9803 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9803 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 126 page ![]() L9803 Clocks, Reset, Interrupts & Power saving modes 19/126 Figure 6. Crystal/Ceramic Resonator Figure 7. Clock Prescaler Block Diagram 3.1.2 External Clock An external clock may be applied to the OSCIN input with the OSCOUT pin not connected, as shown on Figure 5. The tOXOV specifications does not apply when using an external clock input. The equivalent specification of the external clock source should be used instead of tOXOV . OSCin OSCout COSCin COSCout RP OSCin OSCout COSCin COSCout RP %2 %2,4,8,16 CPUCLK to CPU and Peripherals to CAN |