| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS1296CZXGR bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS1296CZXGR bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 80 page ![]() ADS1294 , ADS1296 ADS1298 SBAS459E – JANUARY 2010 – REVISED AUGUST 2010 www.ti.com SPI INTERFACE The SPI-compatible serial interface consists of four signals: CS, SCLK, DIN, and DOUT. The interface reads conversion data, reads and writes registers, and controls the ADS1294/6/8 operation. The DRDY output is used as a status signal to indicate when data are ready. DRDY goes low when new data are available. Chip Select (CS) Chip select (CS) selects the ADS1294/6/8 for SPI communication. CS must remain low for the entire duration of the serial communication. After the serial communication is finished, always wait four or more tCLK cycles before taking CS high. When CS is taken high, the serial interface is reset, SCLK and DIN are ignored, and DOUT enters a high-impedance state. DRDY asserts when data conversion is complete, regardless of whether CS is high or low. Serial Clock (SCLK) SCLK is the serial peripheral interface (SPI) serial clock. It is used to shift in commands and shift out data from the device. The serial clock (SCLK) features a Schmitt-triggered input and clocks data on the DIN and DOUT pins into and out of the ADS1294/6/8. Even though the input has hysteresis, it is recommended to keep SCLK as clean as possible to prevent glitches from accidentally forcing a clock event. The absolute maximum limit for SCLK is specified in the Serial Interface Timing table. When shifting in commands with SCLK, make sure that the entire set of SCLKs is issued to the device. Failure to do so could result in the device serial interface being placed into an unknown state, requiring CS to be taken high to recover. For a single device, the minimum speed needed for the SCLK depends on the number of channels, number of bits of resolution, and output data rate. (For multiple cascaded devices, see the Cascade Mode subsection of the Multiple Device Configuration section.) tSCLK < (tDR – 4tCLK)/(NBITS × NCHANNELS + 24) (6) For example, if the ADS1298 is used in a 500SPS mode (8 channels, 24-bit resolution), the minimum SCLK speed is 110kHz. Data retrieval can be done either by putting the device in RDATAC mode or by issuing a RDATA command for data on demand. The above SCLK rate limitation applies to RDATAC. For the RDATA command, the limitation applies if data must be read in between two consecutive DRDY signals. The above calculation assumes that there are no other commands issued in between data captures. Data Input (DIN) The data input pin (DIN) is used along with SCLK to communicate with the ADS1294/6/8 (opcode commands and register data). The device latches data on DIN on the falling edge of SCLK. 28 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): ADS1294 ADS1296 ADS1298 |