công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1296CZXGR bảng dữ liệu(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1296CZXGR
Giải thích chi tiết về linh kiện  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1296CZXGR bảng dữ liệu(HTML) 69 Page - Texas Instruments

Back Button ADS1296CZXGR Datasheet HTML 65Page - Texas Instruments ADS1296CZXGR Datasheet HTML 66Page - Texas Instruments ADS1296CZXGR Datasheet HTML 67Page - Texas Instruments ADS1296CZXGR Datasheet HTML 68Page - Texas Instruments ADS1296CZXGR Datasheet HTML 69Page - Texas Instruments ADS1296CZXGR Datasheet HTML 70Page - Texas Instruments ADS1296CZXGR Datasheet HTML 71Page - Texas Instruments ADS1296CZXGR Datasheet HTML 72Page - Texas Instruments ADS1296CZXGR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Power Supplies
RESET
t
RST
StartUsingtheDevice
t
POR
18t
CLK
ADS1294
, ADS1296
ADS1298
www.ti.com
SBAS459E – JANUARY 2010 – REVISED AUGUST 2010
POWER-UP SEQUENCING
Before device power-up, all digital and analog inputs must be low. At the time of power-up, all of these signals
should remain low until the power supplies have stabilized, as shown in Figure 63. At this time, begin supplying
the master clock signal to the CLK pin. Wait for time tPOR, then transmit a RESET pulse. After releasing RESET,
the configuration register must be programmed, see the CONFIG1: Configuration Register 1 subsection of the
Register Map section for details. The power-up sequence timing is shown in Table 14.
Figure 63. Power-Up Timing Diagram
Table 14. Power-Up Sequence Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tPOR
Wait after power-up until reset
216
tCLK
tRST
Reset low width
2
tCLK
SETTING THE DEVICE FOR BASIC DATA CAPTURE
The following section outlines the procedure to configure the device in a basic state and capture data. This
procedure is intended to put the device in a data sheet condition to check if the device is working properly in the
user's system. It is recommended that this procedure be followed initially to get familiar with the device settings.
Once this procedure has been verified, the device can be configured as needed. For details on the timings for
commands refer to the appropriate sections in the data sheet. Also, some sample programming codes are added
for the ECG-specific functions.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Link(s): ADS1294 ADS1296 ADS1298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com