| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS1296CZXGR bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS1296CZXGR bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 80 page ![]() Hi-Z START DRDY CS SCLK DIN DOUT RDATAOpcode Status Register+8-ChannelData(216Bits) RDATAOpcode ADS1294 , ADS1296 ADS1298 www.ti.com SBAS459E – JANUARY 2010 – REVISED AUGUST 2010 RDATA: Read Data Issue this command after DRDY goes low to read the conversion result (in Stop Read Data Continuous mode). There is no restriction on the SCLK rate for this command, and there is no wait time needed for the subsequent commands or data retrieval SCLKs. To retrieve data from the device after RDATA command is issued, make sure either the START pin is high or the START command is issued. When reading data with the RDATA command, the read operation can overlap the occurrence of the next DRDY without data corruption. Figure 44 shows the recommended way to use the RDATA command. RDATA is best suited for ECG and EEG type systems, where register setting must be read or changed often between conversion cycles. Figure 44. RDATA Usage Sending Multi-Byte Commands The ADS1294/6/8 serial interface decodes commands in bytes and requires 4 tCLK cycles to decode and execute. Therefore, when sending multi-byte commands, a 4 tCLK period must separate the end of one byte (or opcode) and the next. Assume CLK is 2.048MHz, then tSDECODE (4 tCLK) is 1.96µs. When SCLK is 16MHz, one byte can be transferred in 500ns. This byte transfer time does not meet the tSDECODE specification; therefore, a delay must be inserted so the end of the second byte arrives 1.46µs later. If SCLK is 4MHz, one byte is transferred in 2µs. Because this transfer time exceeds the tSDECODE specification, the processor can send subsequent bytes without delay. In this later scenario, the serial port can be programmed to cease single-byte transfer per cycle to multiple bytes. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 39 Product Folder Link(s): ADS1294 ADS1296 ADS1298 |