công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1296CZXGR bảng dữ liệu(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1296CZXGR
Giải thích chi tiết về linh kiện  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1296CZXGR bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button ADS1296CZXGR Datasheet HTML 28Page - Texas Instruments ADS1296CZXGR Datasheet HTML 29Page - Texas Instruments ADS1296CZXGR Datasheet HTML 30Page - Texas Instruments ADS1296CZXGR Datasheet HTML 31Page - Texas Instruments ADS1296CZXGR Datasheet HTML 32Page - Texas Instruments ADS1296CZXGR Datasheet HTML 33Page - Texas Instruments ADS1296CZXGR Datasheet HTML 34Page - Texas Instruments ADS1296CZXGR Datasheet HTML 35Page - Texas Instruments ADS1296CZXGR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
START
Opcode
(1)
S
RTPin
TA
DIN
t
DR
t
SETTLE
DRDY
STOP
Opcode
(1)
or
or
t
SDSU
t
DSHD
STOPOpcode
DRDY andDOUT
STARTPin
or
STOP(1)
STOP(1)
ADS1294
, ADS1296
ADS1298
SBAS459E – JANUARY 2010 – REVISED AUGUST 2010
www.ti.com
Continuous Mode
Conversions begin when the START pin is taken high or when the START opcode command is sent. As seen in
Figure 37, the DRDY output goes high when conversions are started and goes low when data are ready.
Conversions continue indefinitely until the START pin is taken low or the STOP opcode command is transmitted.
When the START pin is pulled low or the stop command is issued, the conversion in progress is allowed to
complete. Figure 38 and Table 10 show the required timing of DRDY to the START pin and the START/STOP
opcode commands when controlling conversions in this mode. To keep the converter running continuously, the
START pin can be permanently tied high. Note that when switching from pulse mode to continuous mode, the
START signal is pulsed or a STOP command must be issued followed by a START command. This conversion
mode is ideal for most ECG/EEG applications that require a fixed continuous stream of conversions results.
(1)
START and STOP opcode commands take effect on the seventh SCLK falling edge.
Figure 37. Continuous Conversion Mode
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
Figure 38. START to DRDY Timing
Table 10. Timing Characteristics for Figure 38 (1)
SYMBOL
DESCRIPTION
MIN
UNIT
START pin low or STOP opcode to DRDY setup time
tSDSU
16
1/fCLK
to halt further conversions
START pin low or STOP opcode to complete current
tDSHD
16
1/fCLK
conversion
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
32
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1296 ADS1298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80