| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC705MC4MP bảng dữ liệu(PDF) 160 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP bảng dữ liệu(HTML) 160 Page - Freescale Semiconductor, Inc |
|
160 / 180 page ![]() Instruction Set MC68HC705MC4 — Rev. 2.0 Instruction Set ROR opr RORA RORX ROR opr,X ROR ,X Rotate Byte Right through Carry Bit — — ¤ ¤¤ DIR INH INH IX1 IX 36 46 56 66 76 dd ff 5 3 3 6 5 RSP Reset Stack Pointer SP ← $00FF ————— INH 9C 2 RTI Return from Interrupt SP ← (SP) + 1; Pull (CCR) SP ← (SP) + 1; Pull (A) SP ← (SP) + 1; Pull (X) SP ← (SP) + 1; Pull (PCH) SP ← (SP) + 1; Pull (PCL) ¤ ¤¤¤¤ INH 80 9 RTS Return from Subroutine SP ← (SP) + 1; Pull (PCH) SP ← (SP) + 1; Pull (PCL) ————— INH 81 6 SBC # opr SBC opr SBC opr SBC opr,X SBC opr,X SBC ,X Subtract Memory Byte and Carry Bit from Accumulator A ← (A) – (M) – (C) — — ¤¤¤ IMM DIR EXT IX2 IX1 IX A2 B2 C2 D2 E2 F2 ii dd hh ll ee ff ff 2 3 4 5 4 3 SEC Set Carry Bit C ← 1 ———— 1 INH 99 2 SEI Set Interrupt Mask I ← 1 — 1 — — — INH 9B 2 STA opr STA opr STA opr,X STA opr,X STA ,X Store Accumulator in Memory M ← (A) — — ¤ ¤ — DIR EXT IX2 IX1 IX B7 C7 D7 E7 F7 dd hh ll ee ff ff 4 5 6 5 4 STOP Stop Oscillator and Enable IRQ Pin — 0 — — — INH 8E 2 STX opr STX opr STX opr,X STX opr,X STX ,X Store Index Register In Memory M ← (X) — — ¤ ¤ — DIR EXT IX2 IX1 IX BF CF DF EF FF dd hh ll ee ff ff 4 5 6 5 4 SUB # opr SUB opr SUB opr SUB opr,X SUB opr,X SUB ,X Subtract Memory Byte from Accumulator A ← (A) – (M) — — ¤¤¤ IMM DIR EXT IX2 IX1 IX A0 B0 C0 D0 E0 F0 ii dd hh ll ee ff ff 2 3 4 5 4 3 SWI Software Interrupt PC ← (PC) + 1; Push (PCL) SP ← (SP) – 1; Push (PCH) SP ← (SP) – 1; Push (X) SP ← (SP) – 1; Push (A) SP ← (SP) – 1; Push (CCR) SP ← (SP) – 1; I ← 1 PCH ← Interrupt Vector High Byte PCL ← Interrupt Vector Low Byte — 1 — — — INH 83 10 TAX Transfer Accumulator to Index Register X ← (A) ————— INH 97 2 Table 13-6. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR HIN Z C b0 b7 C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |