| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC705MC4MP bảng dữ liệu(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP bảng dữ liệu(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 180 page ![]() Memory MC68HC705MC4 — Rev. 2.0 Memory 2.6 RAM The user RAM consists of 176 bytes (including the stack) at locations $0050 through $00FF. The stack begins at address $00FF. The stack pointer can access 64 bytes of RAM from $00FF to $00C0. NOTE: Using the stack area for data storage or temporary work locations requires care to prevent it from being overwritten due to stacking from an interrupt or subroutine call. 2.7 EPROM There are 3584 bytes of user EPROM at locations $0100 through $0EFF and 16 additional bytes for user vectors at locations $0FF0 through $0FFF. The bootstrap ROM, MOR, and vectors are at locations $0F00 through $0FEF. The erased state of an EPROM cell is $FF. The erased state of the MOR byte is $00. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |