| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC705MC4MP bảng dữ liệu(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP bảng dữ liệu(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 180 page ![]() Memory MC68HC705MC4 — Rev. 2.0 Memory 2.3 User Mode Memory Map When the MC68HC705MC4 is in the user mode, the 48 bytes of I/O registers, 176 bytes of RAM, 3584 bytes of user EPROM, 240 bytes of bootstrap ROM, and 16 bytes of user vectors EPROM are all active, as shown in Figure 2-1. The MOR resides at address $0F00 (first byte of the bootstrap code area) and the EPROM program register resides at $0026. $0000 I/O Registers 48 Bytes I/O Registers See Figure 2-2 $0000 $002F $0030 Unused $002F $004F $0050 Internal RAM 176 Bytes $00BF CTimer Vector (High Byte)/ COP Control Register $0FF0 $00C0 Stack 64 Bytes CTimer Vector (Low Byte) $0FF1 $00FF SCI Vector (High Byte) $0FF2 $0100 User EPROM/ROM 3584 Bytes SCI Vector (Low Byte) $0FF3 Timer Vector 1 (High Byte) $0FF4 Timer Vector 1 (Low Byte) $0FF5 Timer Vector 2 (High Byte) $0FF6 Timer Vector 2 (Low Byte) $0FF7 $0EFF Timer Vector 3 (High Byte) $0FF8 $0F00 Mask Option Register Timer Vector 3 (Low Byte) $0FF9 $0F01 Bootstrap ROM and Vectors 240 Bytes IRQ Vector (High Byte) $0FFA IRQ Vector (Low Byte) $0FFB SWI Vector (High Byte) $0FFC $0FEF SWI Vector (Low Byte) $0FFD $0FF0 User EPROM Vectors — 16 Bytes Reset Vector (High Byte) $0FFE $0FFF Reset Vector (Low Byte) $0FFF Figure 2-1. User Mode Memory Map Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |