| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC705MC4MP bảng dữ liệu(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP bảng dữ liệu(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 180 page ![]() Resets MC68HC705MC4 — Rev. 2.0 Resets The COP register is shared with the most significant byte (MSB) of the core timer interrupt vector as shown in Figure 5-2. Reading this location will return the MSB of the core timer interrupt vector. Writing a logic 0 to this location will clear the COP watchdog timer. Address: $0FF0 Bit 7 654321 Bit 0 Read: UUUUUUUU Write: COPR Reset: 00000000 = Unimplemented U = Undefined Figure 5-2. COP Watchdog Timer Register Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |